Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA84005F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA84005F
Description  Three-Phase Wave Motor Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA84005F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA84005F Datasheet HTML 3Page - Toshiba Semiconductor TA84005F Datasheet HTML 4Page - Toshiba Semiconductor TA84005F Datasheet HTML 5Page - Toshiba Semiconductor TA84005F Datasheet HTML 6Page - Toshiba Semiconductor TA84005F Datasheet HTML 7Page - Toshiba Semiconductor TA84005F Datasheet HTML 8Page - Toshiba Semiconductor TA84005F Datasheet HTML 9Page - Toshiba Semiconductor TA84005F Datasheet HTML 10Page - Toshiba Semiconductor TA84005F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TA84005F/FG
2004-08-10
7
Functions
Input
Output
IN-P
IN-N
Upper Power
Transistor
Lower Power
Transistor
High
High
ON
OFF
High
Low
High
ON
ON
Prohibit mode
(Note 4)
High
Low
OFF
OFF
High impedance
Low
Low
OFF
ON
Low
Connecting the TB6548F/FG (or TB6537P/PG/F/FG) to the TA84005F/FG allows electric motors to be controlled
by PWM.
Note 4: In Prohibit Mode, the output power transistor goes into vertical ON mode and through current may damage
the circuit. Do not use the TA84005F/FG in this mode.
This mode is not actuated when the TA84005F/FG is connected to the TB6548F/FG or TB6537P/PG/F/FG,
but can be triggered by input noise during standalone testing.
<Schematic>
<Lower PWM>
Connecting the TA84005F/FG to the TB6537P/PG/F/FG controls the lower PWM.
At chopping ON, the diagonally output power transistors are ON.
At chopping OFF, the lower transistor is OFF, regenerating the motor current via the upper diode
(incorporating the Pch-MOS).
TB6548F/FG
(TB6537P/PG
/F/FG)
OUT-P
OUT-N
Low active
High active
IN-P
IN-N
VM
OUT
VM
VOUT
ON
Pch-MOS
OFF
<Coil current route>
When chopping is ON
When chopping is OFF
OFF


Similar Part No. - TA84005F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8400 TOSHIBA-TA8400 Datasheet
253Kb / 8P
   DUAL BRIDGE DRIVER
TA84002F TOSHIBA-TA84002F Datasheet
309Kb / 18P
   PWM CHOPPER TYPE 2?뭁HASE BIPOLAR STEPPING MOTOR DRIVER
TA84002F TOSHIBA-TA84002F Datasheet
459Kb / 21P
   PWM CHOPPER-TYPE 2−PHASE BIPOLAR STEPPING MOTOR DRIVER
TA84002FG TOSHIBA-TA84002FG Datasheet
309Kb / 18P
   PWM CHOPPER TYPE 2?뭁HASE BIPOLAR STEPPING MOTOR DRIVER
TA84002F TOSHIBA-TA84002F_06 Datasheet
459Kb / 21P
   PWM CHOPPER-TYPE 2−PHASE BIPOLAR STEPPING MOTOR DRIVER
More results

Similar Description - TA84005F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA84006F TOSHIBA-TA84006F Datasheet
251Kb / 21P
   Three-Phase Wave Motor Driver IC
TA84006F TOSHIBA-TA84006F_06 Datasheet
293Kb / 22P
   Three-Phase Wave Motor Driver IC
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8483CP TOSHIBA-TA8483CP Datasheet
602Kb / 19P
   THREE-PHASE ALL WAVE DRIVER IC
logo
Rohm
BD67173NUX ROHM-BD67173NUX Datasheet
2Mb / 30P
   Three-Phase Full-Wave Fan Motor Driver
BD6346FV ROHM-BD6346FV Datasheet
1Mb / 25P
   Three-phase Full-wave Fan Motor Driver
BD63282EFV ROHM-BD63282EFV Datasheet
2Mb / 31P
   Three-phase Full-wave Fan Motor Driver
BD6326ANUX ROHM-BD6326ANUX Datasheet
1Mb / 26P
   Three-Phase Full-Wave Fan Motor Driver
BH67172NUX ROHM-BH67172NUX Datasheet
673Kb / 20P
   Three-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com