Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9813B Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK9813B
Description  12ch 8bit D/A Converter with EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9813B Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK9813B Datasheet HTML 1Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 2Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 3Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 4Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 5Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 6Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 7Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 8Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ASAHI KASEI
[AK9813B]
DAD04E-01
2002/11
- 2 -
Ordering Guide
Model
Temp. Range
Package
AK9813BF
-40 to +85°C
24-pin VSOP
Pin Layout
17
16
15
14
13
12
11
10
VSS
GND
EA0
EA1
DI
CLK
DO
CS/LD
AO1
AO2
AO3
AO4
AO5
AO6
AO7
AO8
24
23
22
21
1
2
3
4
AK9813BF
20
19
18
5
6
7
8
ECL
SEL
VDD
VCC
AO9
AO10
AO11
AO12
9
24pin VSOP


Similar Part No. - AK9813B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK9813BF ETC1-AK9813BF Datasheet
41Kb / 2P
   24pin VSOP
More results

Similar Description - AK9813B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
Rohm
BH2221FV ROHM-BH2221FV Datasheet
80Kb / 6P
   8bit 12ch D/A converter
logo
Mitsubishi Electric Sem...
M62352AGP MITSUBISHI-M62352AGP Datasheet
760Kb / 6P
   8BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK9844 AKM-AK9844 Datasheet
156Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
logo
Rohm
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
logo
Asahi Kasei Microsystem...
AK9822 AKM-AK9822 Datasheet
171Kb / 17P
   2K / 4Kbit EEPROM with 2ch 8bit D/A Converter
logo
Mitsubishi Electric Sem...
M62398P MITSUBISHI-M62398P Datasheet
80Kb / 7P
   8BIT 12CH I2C BUS D.A CONVERTER WITH BUFFER AMPLIFIERS
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com