Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4101A Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4101A
Description  AK4101A Evaluation Board Rev.0
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4101A Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4101A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4101A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4101A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4101A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4101A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4101A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4101A Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4101A Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4101A Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ASAHI KASEI
[AKD4101A-B]
<KM080100>
2005/10
- 8 -
Explanation of each dialog
1. [Write Dialog]: Dialog to write data by mouse operation
There are dialogs corresponding to each register.
Click the [Write] button corresponding to each register to set up the dialog. If you check the check box, data
becomes “H” or “1”. If not, “L” or “0”.
If you want to write the input data to AK4101A, click [OK] button. If not, click [Cancel] button.
2. [Function1 Dialog] : Dialog to write data by keyboard operation
Address Box:
Input registers address in 2 figures of hexadecimal.
Data Box:
Input registers data in 2 figures of hexadecimal.
If you want to write the input data to AK4101A, click [OK] button. If not, click [Cancel] button.
3. [Save] and [Open]
3-1. [Save]
Save the current register setting data. The extension of file name is “akr”.
(Operation flow)
(1) Click [Save] Button.
(2) Set the file name and push [Save] Button. The extension of file name is “akr”.
3-2. [Open]
The register setting data saved by [Save] is written to AK4101A. The file type is the same as [Save].
(Operation flow)
(1) Click [Open] Button.
(2) Select the file (*.akr) and Click [Open] Button.


Similar Part No. - AKD4101A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4103A AKM-AKD4103A Datasheet
706Kb / 19P
   AK4103A Evaluation Board Rev.0
AKD4103A-B AKM-AKD4103A-B Datasheet
783Kb / 26P
   DIT
AKD4104 AKM-AKD4104 Datasheet
510Kb / 20P
   192kHz 24-Bit 3.3V DIT
AKD4104-A AKM-AKD4104-A Datasheet
579Kb / 19P
   192kHz 24-Bit 3.3V DIT
More results

Similar Description - AKD4101A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
AKD4118A-A AKM-AKD4118A-A Datasheet
557Kb / 23P
   AK4118A Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com