Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4367 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4367
Description  Evaluation board Rev.B for AK4367
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4367 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4367 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ASAHI KASEI
[AKD4367]
<KM071300>
2003/03
- 11 -
[Plot of Headphone Amplifier]
AKM
AK4367 HP-Amp THD+N vs. Input Level (fs=44.1kHz, fIn=1kHz)
-100
-20
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
d
B
r
A
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBFS
Figure 1. THD+N vs. Input Level
AKM
AK4367 HP-Amp THD+N vs. fin (fs=44.1kHz, Input Level=-3dB)
-100
-20
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Figure 2. THD+N vs. Input Frequency


Similar Part No. - AKD4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4367 AKM-AKD4367 Datasheet
447Kb / 38P
   Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
More results

Similar Description - AKD4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5351 AKM-AKD5351 Datasheet
1Mb / 21P
   EVALUATION BOARD REV.B FOR AK5351
AKD5353 AKM-AKD5353 Datasheet
214Kb / 17P
   EVALUATION BOARD REV.B FOR AK5353
AKD5392 AKM-AKD5392 Datasheet
1Mb / 18P
   EVALUATION BOARD REV.B FOR AK5392
AKD4520A AKM-AKD4520A Datasheet
2Mb / 36P
   EVALUATION BOARD REV.B FOR AK4520A
AKD4356 AKM-AKD4356 Datasheet
297Kb / 27P
   EVALUATION BOARD REV.B FOR AK4356
AKD4366 AKM-AKD4366 Datasheet
231Kb / 23P
   Evaluation board Rev.B for AK4366
AKD4537 AKM-AKD4537 Datasheet
290Kb / 32P
   Evaluation board Rev.B for AK4537
AKD5383VF AKM-AKD5383VF Datasheet
404Kb / 22P
   Evaluation board Rev.B for AK5383VF
AKD4626 AKM-AKD4626 Datasheet
436Kb / 39P
   Evaluation board Rev.B for AK4626
AKD4586 AKM-AKD4586 Datasheet
471Kb / 46P
   Evaluation board Rev.B for AK4586
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com