Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4589-B Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4589-B
Description  AK4589 Evaluation Board Rev.2
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4589-B Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4589-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
ASAHI KASEI
[AKD4589-B]
<KM076201>
2005/07
- 1 -
FEATURE
AKD4589-B is an evaluation board for AK4589, a single chip 24bit CODEC that has two channels of ADC
and eight channels of DAC with internal DIR, DIT. It has interfaces with evaluation boards for A/D
converter and D/A converter of AKM’s and make easy to evaluate AK4589. It also has the digital audio
interface and can achieve the interface with digital audio systems via opt-connector or BNC connector.
Ordering guide
AKD4589-B --- AK4589 Evaluation Board
10 wire flat cable for connection with printer port of PC (IBM-AT compatible
machine),control software for AK4589,driver for control software on Windows
2000/XP are apacked with this.
Control software does not support to I
2C control, and does not work on Windows NT
Windows 2000/XP needs an installation of driver.
Windows 95/98/ME does not need an installation of driver.
FUNCTION
On-board clock generator
Compatible with 2 types of interface
- Optical output/input and BNC input
- Direct interface with AC3 decoder by 10pin header
10pin header for serial control interface
Input
Buffer
LIN
RIN
LOUT1
ROUT1
LOUT2
ROUT2
LOUT3
ROUT3
GND
AK4589
10pin Header
10pin Header
Control Data
BNC In
Opt In
Opt Out
AC3
-12V +12V
Output
Buffer
Regulator
BNC Out
Through Out
LOUT4
ROUT4
10pin Header
B, C, U, V
Figure 1. AKD4589-B Block Diagram
* Circuit diagram and PCB layout are attached at the end of this manual.
AK4589 Evaluation Board Rev.2
AKD4589-B


Similar Part No. - AKD4589-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4589-B AKM-AKD4589-B Datasheet
2Mb / 51P
   gle chip 24bit CODEC that has two channels of ADC
More results

Similar Description - AKD4589-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AKD4420-SC AKM-AKD4420-SC Datasheet
436Kb / 22P
   AK4420 Evaluation Board Rev.2
AKD4480-SB AKM-AKD4480-SB Datasheet
643Kb / 30P
   AK4480 Evaluation Board Rev.2
AKD4223-A AKM-AKD4223-A Datasheet
1,015Kb / 31P
   AK4223 Evaluation Board Rev.2
AKD4426-SA AKM-AKD4426-SA Datasheet
444Kb / 33P
   AK4426 Evaluation Board Rev.2
AKD4709-A AKM-AKD4709-A Datasheet
1Mb / 28P
   AK4709 Evaluation Board Rev.2
AKD4753-A AKM-AKD4753-A Datasheet
1Mb / 60P
   AK4753 Evaluation Board Rev.2
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5373-A AKM-AKD5373-A Datasheet
1Mb / 24P
   Evaluation board Rev.2 for AK5373
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com