Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4589-B Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4589-B
Description  AK4589 Evaluation Board Rev.2
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4589-B Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4589-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4589-B Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
ASAHI KASEI
[AKD4589-B]
<KM076201>
2005/07
- 11 -
AK4589 (ADC/DAC) part Control Program Operation Manual
Set-up of evaluation board and control software
(Note)
Control software does not support to I
2C control, and does not work on Windows NT.
Windows 2000/XP needs an installation of driver.
Windows 95/98/ME does not need an installation of driver.
Please refer to “Installation Manual of Control Software Driver by AKM device control software”
about the method of installation of driver.
1. Set up the AKD4589-B according to above mentioned setting.
2. Connect printer port(parallel port) of PC and PORT1(up-I/F) of AKD4589-B by 10-wire flat cable packed with
AKD4589. Then take care of the direction of 10pin connector and 10 pin header.
3. Insert the CD-ROM-disk labeled “AKD4589 Control Program ver 2.0” into the CD-ROM-disk drive.
4. Access the CD-ROM-disk drive and double-click the icon of “akd4589-b_adc_dac_2.exe” and set up the control
program.
5. Then evaluate AK4589 (ADC/DAC)part according to the followings.
(Note) Chip Address of ADC/DAC is fixed,CAD1,CAD0 is 0(L),1(H). (CAD10=01)
Operation flow
Keep the following flow.
1.
Set up the control program according to explanation above
2.
Click Write default button.
3.
Then set up the dialog and input data and evaluate AK4589 (ADC/DAC) part.
Explanation of each buttons
1. [Write default]: Write default data into all register.
Default data is indicated on the register map of all registers.
Red letter indicates “H” or “1” and blue letter indicates “L” or “0”.
Blank is the part that is not defined in the datasheet.
2. [Function1]:
Set up dialog to write data by keyboard operation.
3. [Function2]:
Set up dialog to write data by keyboard operation.
4. [Write]:
It exists corresponding to each register.
Set up dialog to write data to each register by mouse operation.
Set ON/OFF by clicking each bits.
Click “OK” button if you write input data into register.
Click “Cancel” button if you don’t write input data into register .


Similar Part No. - AKD4589-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4589-B AKM-AKD4589-B Datasheet
2Mb / 51P
   gle chip 24bit CODEC that has two channels of ADC
More results

Similar Description - AKD4589-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AKD4420-SC AKM-AKD4420-SC Datasheet
436Kb / 22P
   AK4420 Evaluation Board Rev.2
AKD4480-SB AKM-AKD4480-SB Datasheet
643Kb / 30P
   AK4480 Evaluation Board Rev.2
AKD4223-A AKM-AKD4223-A Datasheet
1,015Kb / 31P
   AK4223 Evaluation Board Rev.2
AKD4426-SA AKM-AKD4426-SA Datasheet
444Kb / 33P
   AK4426 Evaluation Board Rev.2
AKD4709-A AKM-AKD4709-A Datasheet
1Mb / 28P
   AK4709 Evaluation Board Rev.2
AKD4753-A AKM-AKD4753-A Datasheet
1Mb / 60P
   AK4753 Evaluation Board Rev.2
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5373-A AKM-AKD5373-A Datasheet
1Mb / 24P
   Evaluation board Rev.2 for AK5373
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com