Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62706BNG Datasheet(PDF) 4 Page - Marktech Corporate

Part # TB62706BNG
Description  16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62706BNG Datasheet(HTML) 4 Page - Marktech Corporate

  TB62706BNG Datasheet HTML 1Page - Marktech Corporate TB62706BNG Datasheet HTML 2Page - Marktech Corporate TB62706BNG Datasheet HTML 3Page - Marktech Corporate TB62706BNG Datasheet HTML 4Page - Marktech Corporate TB62706BNG Datasheet HTML 5Page - Marktech Corporate TB62706BNG Datasheet HTML 6Page - Marktech Corporate TB62706BNG Datasheet HTML 7Page - Marktech Corporate TB62706BNG Datasheet HTML 8Page - Marktech Corporate TB62706BNG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TB62706BNG/BFG
2004-06-24
4
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
0~7.0
V
Input Voltage
VIN
- 0.4~VDD + 0.4
V
Output Current
IOUT
90
mA
Output Voltage
VOUT
- 0.5~17.0
V
Clock Frequency
fCK
15
MHz
GND Terminal Current
IGND
1440
mA
1.78 (BNG- type : ON PCB, Ta = 25°C )
Power Dissipation
PD
1.00 (BFG- type : ON PCB, Ta = 25°C )
W
BNG : 70 (BN- type : ON PCB)
Tharmal Resistance
Rth (j- a)
BFG : 120 (BF- type : ON PCB)
°C / W
Operating Temperature
Topr
- 40~85
°C
Storage Temperature
Tstg
- 55~150
°C
Note:
BN- type :Ambient temperature delated above 25°C in the proportion of 14.2 mW / °C
BF- type : Ambient temperature delated above 25°C in the proportion of 8.3 mW / °C
RECOMMENDED OPERATING CONDITION (Ta = - 40~85°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP.
MAX
UNIT
Supply Voltage
VDD
4.5
5.0
5.5
V
Output Voltage
VOUT
15.0
V
IO
OUTn, DC 1 circuit
5
88
IOH
SERIAL- OUT
1.0
Output Current
IOL
SERIAL- OUT
- 1.0
mA
VIH
0.7
VDD
VDD
+0.3
Input Voltage
VIL
- 0.3
0.3
VDD
V
LATCH Pulse Width
t LAT
w
100
ns
CLOCK Pulse Width
tw CLK
50
ns
ENABLE Pulse Width
t EN
w
4500
ns
Set- Up Time for DATA
tsetup (D)
60
ns
Hold Time for DATA
thold (D)
20
ns
Set- Up Time for LATCH
tsetup (L)
100
ns
Hold Time for LATCH
thold (L)
VDD = 4.5~5.5 V
60
ns
Clock Frequency
fCLK
Cascade operation
10.0
MHz
Ta = 85°C (BNG- type)
0.92
Power Dissipation
PD
Ta = 85°C (BFG- type)
0.50
W


Similar Part No. - TB62706BNG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
More results

Similar Description - TB62706BNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62706BN TOSHIBA-TB62706BN Datasheet
467Kb / 13P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BN TOSHIBA-TB62706BN_06 Datasheet
479Kb / 16P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62701AN MARKTECH-TB62701AN Datasheet
353Kb / 10P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62701ANG MARKTECH-TB62701ANG Datasheet
604Kb / 15P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62701N TOSHIBA-TB62701N Datasheet
372Kb / 11P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62705CP TOSHIBA-TB62705CP Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62705CP TOSHIBA-TB62705CP_06 Datasheet
621Kb / 17P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62710P TOSHIBA-TB62710P Datasheet
401Kb / 10P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
TB62705CPG TOSHIBA-TB62705CPG_09 Datasheet
1Mb / 16P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com