Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM12038SB Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QM12038SB
Description  SP8T Switch For 3G/4G Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM12038SB Datasheet(HTML) 1 Page - Qorvo, Inc

  QM12038SB Datasheet HTML 1Page - Qorvo, Inc QM12038SB Datasheet HTML 2Page - Qorvo, Inc QM12038SB Datasheet HTML 3Page - Qorvo, Inc QM12038SB Datasheet HTML 4Page - Qorvo, Inc QM12038SB Datasheet HTML 5Page - Qorvo, Inc QM12038SB Datasheet HTML 6Page - Qorvo, Inc QM12038SB Datasheet HTML 7Page - Qorvo, Inc QM12038SB Datasheet HTML 8Page - Qorvo, Inc QM12038SB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
QM12038
SP8T Switch For 3G/4G Applications
QM12038 DS Rev. D | Subject to change without notice
1 of 12
www.qorvo.com
Ordering Information
PART NO.
DESCRIPTION
QM12038SB
5-pc Sample Bag
QM12038SR
100-
pc, 7” Reel
QM12038TR13-5K
5000-
pc, 13” Reel
QM12038PCK410
Fully Assembled EVB and 5-pc
Sample Bag
Product Description
The QM12038 is a low loss, high isolation SP8T switch with
performance optimized for CDMA, WCDMA & LTE applications
requiring high linearity. The QM12038 is compatible with +1.3V
control logic, which is a key requirement for most cellular
transceivers. This part is packaged in a compact 2mm x 2mm,
15-pin, Module package which allows for a small solution size
with no need for external DC blocking capacitors (when no
external DC is applied to the device ports).
Functional Block Diagram
Top View
15 Pin 2 x 2 x 0.57 mm Module Package
Feature Overview
Excellent insertion loss and isolation performance
o
0.5dB Typ IL, Band 5
o
40dB Typ Isolation, Band 5
Multi-Band operation 700MHz to 2700MHz
GPIO compatible to 1.8V typ (1.3V min)
Power handling +32dBm, 50Ω
Compact 2mm x 2mm, Module package
No DC blocking capacitors required (unless external DC is
applied to the RF ports)
Applications
Cellular Handset Applications
Cellular Modems and USB Devices
Multi-Mode WCDMA, and LTE Applications


Similar Part No. - QM12038SB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
QM120 MACOM-QM120 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
More results

Similar Description - QM12038SB

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
logo
WALSIN TECHNOLOGY CORPO...
RFASWMH6373ATF09 WALSIN-RFASWMH6373ATF09 Datasheet
563Kb / 8P
   Any2G/3G/4G Band for TRx system
logo
DAICO Industries, Inc.
CSW88064 DAICO-CSW88064 Datasheet
45Kb / 1P
   Switch SP8T
logo
Mini-Circuits
MSP8TA-12-12D MINI-MSP8TA-12-12D Datasheet
487Kb / 3P
   SP8T Switch
MSP8TA-12D MINI-MSP8TA-12D Datasheet
499Kb / 3P
   SP8T Switch
logo
Taoglas antenna solutio...
PA.710.A TAOGLAS-PA.710.A_18 Datasheet
1Mb / 21P
   Ultra Wideband LTE/Cellular/CDMA SMD Antenna For 4G/3G/2G Applications
logo
Micronetics, Inc.
8S3223 MICRONETICS-8S3223 Datasheet
308Kb / 1P
   SP8T SWITCH
logo
DAICO Industries, Inc.
CSW88050 DAICO-CSW88050 Datasheet
44Kb / 1P
   Switch SP8T
logo
WALSIN TECHNOLOGY CORPO...
RFASWK119ATF09 WALSIN-RFASWK119ATF09 Datasheet
611Kb / 9P
   Any 2G/3G/4G Band for TRx System
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com