Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QM12038SB Datasheet(PDF) 12 Page - Qorvo, Inc

Part No. QM12038SB
Description  SP8T Switch For 3G/4G Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM12038SB Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button QM12038SB Datasheet HTML 4Page - Qorvo, Inc QM12038SB Datasheet HTML 5Page - Qorvo, Inc QM12038SB Datasheet HTML 6Page - Qorvo, Inc QM12038SB Datasheet HTML 7Page - Qorvo, Inc QM12038SB Datasheet HTML 8Page - Qorvo, Inc QM12038SB Datasheet HTML 9Page - Qorvo, Inc QM12038SB Datasheet HTML 10Page - Qorvo, Inc QM12038SB Datasheet HTML 11Page - Qorvo, Inc QM12038SB Datasheet HTML 12Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
QM12038
SP8T Switch For 3G/4G Applications
QM12038 DS Rev. D | Subject to change without notice
12 of 12
www.qorvo.com
Revision History
Revision Code
Date
Comments
B
03/01/2018
Initial Production Release
C
02/19/2020
Added Not Recommended For New Designs marks
D
06/15/2020
Removing NRND Marks
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
Important Notice
The information contained herein is believed to be reliable. Qoro makes no warranties regarding the information contained herein. Qorvo assumes no responsibility or liability
whatsoever for any of the information contained herein. Qorvo assumes no responsibility or liability whatsoever for the use of the information contained herein. The information
contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with the user. All information contained herein
is subject to change without notice. Customers should obtain and verify the latest relevant information before placing orders for Qorvo products. The information contained herein
or any use of such information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether with regard to such
information itself or anything described by such information.
Qorvo products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining applications, or other applications where a failure would
reasonably be expected to cause severe personal injury or death.
Copyright 2016 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.


Similar Part No. - QM12038SB

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
QM120 MACOM-QM120 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
More results

Similar Description - QM12038SB

ManufacturerPart No.DatasheetDescription
DAICO Industries, Inc.
DAICO Industries, Inc.
CSW88064 DAICO-CSW88064 Datasheet
45Kb / 1P
   Switch SP8T
Mini-Circuits
Mini-Circuits
MSP8TA-12-12D MINI-MSP8TA-12-12D Datasheet
487Kb / 3P
   SP8T Switch
MSP8TA-12D MINI-MSP8TA-12D Datasheet
499Kb / 3P
   SP8T Switch
Micronetics, Inc.
Micronetics, Inc.
8S3223 MICRONETICS-8S3223 Datasheet
308Kb / 1P
   SP8T SWITCH
WALSIN TECHNOLOGY CORPORATION
WALSIN TECHNOLOGY CORPO...
RFASWMH6373ATF09 WALSIN-RFASWMH6373ATF09 Datasheet
563Kb / 8P
   Any2G/3G/4G Band for TRx system
DAICO Industries, Inc.
DAICO Industries, Inc.
CSW88050 DAICO-CSW88050 Datasheet
44Kb / 1P
   Switch SP8T
Taoglas antenna solutions
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
PA.710.A TAOGLAS-PA.710.A_18 Datasheet
1Mb / 21P
   Ultra Wideband LTE/Cellular/CDMA SMD Antenna For 4G/3G/2G Applications
WALSIN TECHNOLOGY CORPORATION
WALSIN TECHNOLOGY CORPO...
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz