Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QM12038SB Datasheet(PDF) 3 Page - Qorvo, Inc

Part No. QM12038SB
Description  SP8T Switch For 3G/4G Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM12038SB Datasheet(HTML) 3 Page - Qorvo, Inc

  QM12038SB Datasheet HTML 1Page - Qorvo, Inc QM12038SB Datasheet HTML 2Page - Qorvo, Inc QM12038SB Datasheet HTML 3Page - Qorvo, Inc QM12038SB Datasheet HTML 4Page - Qorvo, Inc QM12038SB Datasheet HTML 5Page - Qorvo, Inc QM12038SB Datasheet HTML 6Page - Qorvo, Inc QM12038SB Datasheet HTML 7Page - Qorvo, Inc QM12038SB Datasheet HTML 8Page - Qorvo, Inc QM12038SB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
QM12038
SP8T Switch For 3G/4G Applications
QM12038 DS Rev. D | Subject to change without notice
3 of 12
www.qorvo.com
Electrical Specifications
Test conditions unless
otherwise stated: all unused RF ports terminated in 50Ω, Input and Output = 50Ω, T = 25°C, VDD = 2.85V,
VHIGH/VLOW = 1.8V/0V
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Insertion Loss
RFx to RFC
698MHz to 960MHz
0.52
dB
RFx to RFC
1710MHz to 1980MHz
0.68
dB
RFx to RFC
2110MHz to 2170MHz
0.71
dB
RFx to RFC
2300MHz to 2690MHz
0.85
dB
Harmonics
Low Band, 2fo
Pin = +28dBm, 50Ω, fo= 824MHz
-98
dBc
Low Band, 3fo
Pin = +28dBm, 50Ω, fo= 824MHz
-84
dBc
Mid Band, 2fo
Pin = +28dBm, 50Ω, fo= 1980MHz
-98
dBc
Mid Band, 3fo
Pin = +28dBm, 50
Ω, fo= 1980MHz
-84
dBc
High Band, 2fo
Pin = +28dBm, 50Ω, fo= 2570MHz
-97
dBc
High Band, 3fo
Pin = +28dBm, 50
Ω, fo= 2570MHz
-80
dBc
IIP2
Low Band
TX Carrier @ 897.5MHz at +21dBm
CW Blocker @ 1840 MHz at -15dBm
Measured RX frequency @ 942.5MHz
117
dBm
High Band
TX Carrier @ 1880MHz at +21dBm
CW Blocker @ 3840 MHz at -15dBm
Measured RX frequency @ 1960MHz
118
dBm
IIP3
Low Band
TX Carrier @ 897.5MHz at +21dBm
CW Blocker @ 852.5MHz at -15dBm
Measured RX frequency @ 942.5MHz
68
dBm
High Band
TX Carrier @ 1880MHz at +21dBm
CW Blocker @ 1800MHz at -15dBm
Measured RX frequency @ 1960MHz
67
dBm
VSWR
698MHz to 2690MHz
1.1
:1


Similar Part No. - QM12038SB

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
QM120 MACOM-QM120 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
More results

Similar Description - QM12038SB

ManufacturerPart No.DatasheetDescription
DAICO Industries, Inc.
DAICO Industries, Inc.
CSW88064 DAICO-CSW88064 Datasheet
45Kb / 1P
   Switch SP8T
Mini-Circuits
Mini-Circuits
MSP8TA-12-12D MINI-MSP8TA-12-12D Datasheet
487Kb / 3P
   SP8T Switch
MSP8TA-12D MINI-MSP8TA-12D Datasheet
499Kb / 3P
   SP8T Switch
Micronetics, Inc.
Micronetics, Inc.
8S3223 MICRONETICS-8S3223 Datasheet
308Kb / 1P
   SP8T SWITCH
WALSIN TECHNOLOGY CORPORATION
WALSIN TECHNOLOGY CORPO...
RFASWMH6373ATF09 WALSIN-RFASWMH6373ATF09 Datasheet
563Kb / 8P
   Any2G/3G/4G Band for TRx system
DAICO Industries, Inc.
DAICO Industries, Inc.
CSW88050 DAICO-CSW88050 Datasheet
44Kb / 1P
   Switch SP8T
Taoglas antenna solutions
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
PA.710.A TAOGLAS-PA.710.A_18 Datasheet
1Mb / 21P
   Ultra Wideband LTE/Cellular/CDMA SMD Antenna For 4G/3G/2G Applications
WALSIN TECHNOLOGY CORPORATION
WALSIN TECHNOLOGY CORPO...
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz