Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QM12038SB Datasheet(PDF) 4 Page - Qorvo, Inc

Part No. QM12038SB
Description  SP8T Switch For 3G/4G Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM12038SB Datasheet(HTML) 4 Page - Qorvo, Inc

  QM12038SB Datasheet HTML 1Page - Qorvo, Inc QM12038SB Datasheet HTML 2Page - Qorvo, Inc QM12038SB Datasheet HTML 3Page - Qorvo, Inc QM12038SB Datasheet HTML 4Page - Qorvo, Inc QM12038SB Datasheet HTML 5Page - Qorvo, Inc QM12038SB Datasheet HTML 6Page - Qorvo, Inc QM12038SB Datasheet HTML 7Page - Qorvo, Inc QM12038SB Datasheet HTML 8Page - Qorvo, Inc QM12038SB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QM12038
SP8T Switch For 3G/4G Applications
QM12038 DS Rev. D | Subject to change without notice
4 of 12
www.qorvo.com
Isolation Matrix Low Band (698MHz
– 960MHz)
STATE
INSERTION
PORT
ISOLATION, TYPICAL (dB)
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RF8
RF1
RF1
42
32
44
43
45
44
41
RF2
RF2
42
43
32
45
42
41
44
RF3
RF3
32
43
45
34
46
42
42
RF4
RF4
44
32
45
46
33
42
42
RF5
RF5
43
45
34
46
47
40
43
RF6
RF6
45
42
46
33
47
43
40
RF7
RF7
44
41
42
42
40
43
43
RF8
RF8
41
44
42
42
43
40
43
RF1
RFC
43
42
41
41
41
34
33
RF2
RFC
42
42
41
41
41
34
33
RF3
RFC
42
43
41
41
41
34
33
RF4
RFC
42
43
42
41
41
34
33
RF5
RFC
42
43
42
41
41
34
33
RF6
RFC
42
43
42
41
41
34
33
RF7
RFC
42
43
42
41
41
41
33
RF8
RFC
42
43
42
41
41
41
34
Isolation Matrix Mid Band (1710MHz
– 2170MHz)
STATE
INSERTION
PORT
ISOLATION, TYPICAL (dB)
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RF8
RF1
RF1
30
23
31
31
33
33
31
RF2
RF2
30
31
23
33
31
31
33
RF3
RF3
23
31
32
24
30
32
31
RF4
RF4
31
23
32
34
24
31
32
RF5
RF5
31
33
24
34
34
29
32
RF6
RF6
33
31
30
24
34
32
29
RF7
RF7
33
31
32
31
29
32
32
RF8
RF8
31
33
31
32
32
29
32
RF1
RFC
33
32
32
32
31
25
25
RF2
RFC
31
32
32
32
31
25
25
RF3
RFC
31
33
32
32
31
25
25
RF4
RFC
31
33
32
32
31
25
25
RF5
RFC
31
33
32
32
31
25
25
RF6
RFC
31
33
32
32
32
25
25
RF7
RFC
31
33
32
32
32
31
25
RF8
RFC
31
33
32
32
32
31
25


Similar Part No. - QM12038SB

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
QM120 MACOM-QM120 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
More results

Similar Description - QM12038SB

ManufacturerPart No.DatasheetDescription
DAICO Industries, Inc.
DAICO Industries, Inc.
CSW88064 DAICO-CSW88064 Datasheet
45Kb / 1P
   Switch SP8T
Mini-Circuits
Mini-Circuits
MSP8TA-12-12D MINI-MSP8TA-12-12D Datasheet
487Kb / 3P
   SP8T Switch
MSP8TA-12D MINI-MSP8TA-12D Datasheet
499Kb / 3P
   SP8T Switch
Micronetics, Inc.
Micronetics, Inc.
8S3223 MICRONETICS-8S3223 Datasheet
308Kb / 1P
   SP8T SWITCH
WALSIN TECHNOLOGY CORPORATION
WALSIN TECHNOLOGY CORPO...
RFASWMH6373ATF09 WALSIN-RFASWMH6373ATF09 Datasheet
563Kb / 8P
   Any2G/3G/4G Band for TRx system
DAICO Industries, Inc.
DAICO Industries, Inc.
CSW88050 DAICO-CSW88050 Datasheet
44Kb / 1P
   Switch SP8T
Taoglas antenna solutions
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
PA.710.A TAOGLAS-PA.710.A_18 Datasheet
1Mb / 21P
   Ultra Wideband LTE/Cellular/CDMA SMD Antenna For 4G/3G/2G Applications
WALSIN TECHNOLOGY CORPORATION
WALSIN TECHNOLOGY CORPO...
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz