Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QM12038TR13-5K Datasheet(PDF) 2 Page - Qorvo, Inc

Part No. QM12038TR13-5K
Description  SP8T Switch For 3G/4G Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM12038TR13-5K Datasheet(HTML) 2 Page - Qorvo, Inc

  QM12038TR13-5K Datasheet HTML 1Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 2Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 3Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 4Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 5Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 6Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 7Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 8Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
QM12038
SP8T Switch For 3G/4G Applications
QM12038 DS Rev. D | Subject to change without notice
2 of 12
www.qorvo.com
Absolute Maximum Ratings
Operation of this device outside the parameter ranges given above may cause permanent damage.
Recommended Operating Conditions
* VDD Must be > VCTL at all times
Electrical specifications are measured at specified test conditions. Specifications are not guaranteed over all recommended operating conditions.
PARAMETER
RATING
Storage Temperature
-45 to +125
 °C
Operating Temperature
-30 to +90°C
VDD
6.0 V
CTL1, CTL2, CTL3
3.0 V
Maximum Input Power
Momentary Infrequent Occurrence
35 dBm, 1:1 VSWR
33 dBm, 6:1 VSWR
Continuous Operation
32 dBm, 1:1 VSWR
30 dBm, 6:1 VSWR
PARAMETER
MIN.
TYP.
MAX.
UNITS
VDD Supply Voltage
2.4
2.85
4.5
V
VDD Supply Current
80
120
µA
CTL Logic Low Voltage
0.00
0.00
0.45
V
CTL Logic High Voltage
1.3
1.8
2.7*
V
CTL Logic High Current
0.1
5
µA
Turn-On Time
4
µs
Switching Speed
2
µs


Similar Part No. - QM12038TR13-5K

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
QM120 MACOM-QM120 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
More results

Similar Description - QM12038TR13-5K

ManufacturerPart No.DatasheetDescription
DAICO Industries, Inc.
DAICO Industries, Inc.
CSW88064 DAICO-CSW88064 Datasheet
45Kb / 1P
   Switch SP8T
Mini-Circuits
Mini-Circuits
MSP8TA-12-12D MINI-MSP8TA-12-12D Datasheet
487Kb / 3P
   SP8T Switch
MSP8TA-12D MINI-MSP8TA-12D Datasheet
499Kb / 3P
   SP8T Switch
Micronetics, Inc.
Micronetics, Inc.
8S3223 MICRONETICS-8S3223 Datasheet
308Kb / 1P
   SP8T SWITCH
WALSIN TECHNOLOGY CORPORATION
WALSIN TECHNOLOGY CORPO...
RFASWMH6373ATF09 WALSIN-RFASWMH6373ATF09 Datasheet
563Kb / 8P
   Any2G/3G/4G Band for TRx system
DAICO Industries, Inc.
DAICO Industries, Inc.
CSW88050 DAICO-CSW88050 Datasheet
44Kb / 1P
   Switch SP8T
Taoglas antenna solutions
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
PA.710.A TAOGLAS-PA.710.A_18 Datasheet
1Mb / 21P
   Ultra Wideband LTE/Cellular/CDMA SMD Antenna For 4G/3G/2G Applications
WALSIN TECHNOLOGY CORPORATION
WALSIN TECHNOLOGY CORPO...
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com