Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QM12038TR13-5K Datasheet(PDF) 5 Page - Qorvo, Inc

Part No. QM12038TR13-5K
Description  SP8T Switch For 3G/4G Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM12038TR13-5K Datasheet(HTML) 5 Page - Qorvo, Inc

  QM12038TR13-5K Datasheet HTML 1Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 2Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 3Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 4Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 5Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 6Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 7Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 8Page - Qorvo, Inc QM12038TR13-5K Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
QM12038
SP8T Switch For 3G/4G Applications
QM12038 DS Rev. D | Subject to change without notice
5 of 12
www.qorvo.com
Isolation Matrix High Band (2300MHz
– 2690MHz)
STATE
INSERTION
PORT
ISOLATION, TYPICAL (dB)
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RF8
RF1
RF1
28
21
29
28
29
31
29
RF2
RF2
28
28
21
30
28
28
31
RF3
RF3
21
28
30
22
30
30
29
RF4
RF4
29
21
30
30
22
29
30
RF5
RF5
28
30
22
30
31
26
30
RF6
RF6
29
28
30
22
31
30
26
RF7
RF7
31
28
30
29
26
30
29
RF8
RF8
29
31
29
30
30
26
29
RF1
RFC
30
29
28
29
29
21
21
RF2
RFC
30
29
28
29
29
21
21
RF3
RFC
30
30
28
29
29
21
21
RF4
RFC
30
30
29
29
29
21
21
RF5
RFC
30
30
29
28
29
21
21
RF6
RFC
30
30
29
28
29
21
21
RF7
RFC
30
30
29
28
29
29
21
RF8
RFC
30
30
29
28
29
29
21


Similar Part No. - QM12038TR13-5K

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
QM120 MACOM-QM120 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
More results

Similar Description - QM12038TR13-5K

ManufacturerPart No.DatasheetDescription
DAICO Industries, Inc.
DAICO Industries, Inc.
CSW88064 DAICO-CSW88064 Datasheet
45Kb / 1P
   Switch SP8T
Mini-Circuits
Mini-Circuits
MSP8TA-12-12D MINI-MSP8TA-12-12D Datasheet
487Kb / 3P
   SP8T Switch
MSP8TA-12D MINI-MSP8TA-12D Datasheet
499Kb / 3P
   SP8T Switch
Micronetics, Inc.
Micronetics, Inc.
8S3223 MICRONETICS-8S3223 Datasheet
308Kb / 1P
   SP8T SWITCH
WALSIN TECHNOLOGY CORPORATION
WALSIN TECHNOLOGY CORPO...
RFASWMH6373ATF09 WALSIN-RFASWMH6373ATF09 Datasheet
563Kb / 8P
   Any2G/3G/4G Band for TRx system
DAICO Industries, Inc.
DAICO Industries, Inc.
CSW88050 DAICO-CSW88050 Datasheet
44Kb / 1P
   Switch SP8T
Taoglas antenna solutions
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
PA.710.A TAOGLAS-PA.710.A_18 Datasheet
1Mb / 21P
   Ultra Wideband LTE/Cellular/CDMA SMD Antenna For 4G/3G/2G Applications
WALSIN TECHNOLOGY CORPORATION
WALSIN TECHNOLOGY CORPO...
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com