Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM14501SB Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QM14501SB
Description  GPS, GLONASS, and BeiDou Low Noise Amplifier With Integrated Output SAW Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM14501SB Datasheet(HTML) 4 Page - Qorvo, Inc

  QM14501SB Datasheet HTML 1Page - Qorvo, Inc QM14501SB Datasheet HTML 2Page - Qorvo, Inc QM14501SB Datasheet HTML 3Page - Qorvo, Inc QM14501SB Datasheet HTML 4Page - Qorvo, Inc QM14501SB Datasheet HTML 5Page - Qorvo, Inc QM14501SB Datasheet HTML 6Page - Qorvo, Inc QM14501SB Datasheet HTML 7Page - Qorvo, Inc QM14501SB Datasheet HTML 8Page - Qorvo, Inc QM14501SB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
QM14501
GPS, GLONASS, and BeiDou Low Noise
Amplifier With Integrated Output SAW Filter
QM14501 DS Rev F | Subject to change without notice
4 of 13
www.qorvo.com
Electrical Specifications: GLONASS (1598 MHz
– 1605 MHz)
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Nominal conditions unless otherwise stated
(T = 25 °C, 50 Ω)
VDD = 2.8 V, VSD = 2.8 V, R2 = 3 k
Ω
Gain Mode
Operating Frequency Range
1598
1606
MHz
VDD Supply Current
8.8
mA
Gain
13.1
dB
Noise Figure
0.9
dB
Input Return Loss
7
dB
Output Return Loss
21
dB
Reverse Isolation
24
dB
Input 1dB Compression Point
-1
dBm
Input Third Order Intercept Point
8
dBm
F1
– F2 = 1 MHz, PF1 & PF2 = -30 dBm
Cell Band Rejection
(Relative to 1575 GHz at 827.5 Hz)
54
dBc
PCS Band Rejection (Relative to
1575 GHz at 1885 MHz)
45
dBc
Stability Factor k
1
20 MHz to 10 GHz
Low Current Mode
Nominal conditions unless otherwise stated
(T = 25 °C, 50 Ω)
VDD = 2.8 V, VSD = 1.67 V, R2 = 3 k
Ω
VDD Supply Current
4.9
mA
Gain
12.2
dB
Noise Figure
1.0
dB
Input Return Loss
6
dB
Output Return Loss
18
dB
Reverse Isolation
23
dB
Input 1dB Compression Point
0
dBm
Input Third Order Intercept Point
5
dBm
F1
– F2 = 1 MHz, PF1 & PF2 = -30 dBm
Cell Band Rejection
(Relative to 1575 GHz at 827.5 Hz)
55
dBc
PCS Band Rejection (Relative to
1575 GHz at 1885 MHz)
44
dBc
Stability Factor k
1
20 MHz to 10 GHz
Low Voltages
VDD = 2 V
VDD = 1.5 V
VDD = 1 V
Nominal conditions unless otherwise stated
(T = 25 °C, 50 Ω)
VSD = VDD
, R2 = 1.5 kΩ
VDD Supply Current
10.5
7.3
4
mA
Gain
13.5
13
1.1
dB
Noise Figure
0.85
0.95
1.1
dB
Input 1dB Compression Point
-2
-4
-6
dB
Input Third Order Intercept Point
10
7.5
3
dB


Similar Part No. - QM14501SB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
QM10-14P-CF HIROSE-QM10-14P-CF Datasheet
532Kb / 14P
   QM (1.78mm-070) CONNECTORS
QM10-14P-CFI HIROSE-QM10-14P-CFI Datasheet
532Kb / 14P
   QM (1.78mm-070) CONNECTORS
QM10-14P-CS HIROSE-QM10-14P-CS Datasheet
532Kb / 14P
   QM (1.78mm-070) CONNECTORS
QM10-14P-CV HIROSE-QM10-14P-CV Datasheet
532Kb / 14P
   QM (1.78mm-070) CONNECTORS
QM10-14P-EP HIROSE-QM10-14P-EP Datasheet
532Kb / 14P
   QM (1.78mm-070) CONNECTORS
More results

Similar Description - QM14501SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2815 RFMD-RF2815 Datasheet
572Kb / 10P
   GPS LOW NOISE AMPLIFIER WITH INTEGRATED OUTPUT SAW FILTER
RF2818 RFMD-RF2818 Datasheet
648Kb / 8P
   GPS LOW NOISE AMPLIFIER WITH INTEGRATED INPUT/OUTPUT SAW FILTERS
logo
New Japan Radio
NSNJ9200 NJRC-NSNJ9200 Datasheet
91Kb / 4P
   1582.471MHz GPS / GLONASS / Beidou
logo
Advanced Semiconductor ...
ASL20G ASB-ASL20G_17 Datasheet
1Mb / 16P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
logo
TDK Electronics
B39162B9877P810 TDK-B39162B9877P810 Datasheet
109Kb / 8P
   SAW GPS GLONASS Filter
logo
Advanced Semiconductor ...
ASL21X ASB-ASL21X_17 Datasheet
2Mb / 23P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
January 2017
logo
TDK Electronics
B39162B9482P810 TDK-B39162B9482P810 Datasheet
99Kb / 8P
   SAW GPS GLONASS Filter
logo
Maxtena Inc.
M1593CWT MAXTENA-M1593CWT Datasheet
2Mb / 5P
   L1: GPS, GLONASS, GALILEO, BEIDOU
REV A
M9706CWT-UFL MAXTENA-M9706CWT-UFL Datasheet
1Mb / 6P
   L1: GPS, GLONASS, GALILEO, BEIDOU
April 6, 2019
M9706CWT MAXTENA-M9706CWT Datasheet
1Mb / 6P
   L1: GPS, GLONASS, GALILEO, BEIDOU
June 12, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com