Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62709FG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB62709FG
Description  7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62709FG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB62709FG Datasheet HTML 2Page - Toshiba Semiconductor TB62709FG Datasheet HTML 3Page - Toshiba Semiconductor TB62709FG Datasheet HTML 4Page - Toshiba Semiconductor TB62709FG Datasheet HTML 5Page - Toshiba Semiconductor TB62709FG Datasheet HTML 6Page - Toshiba Semiconductor TB62709FG Datasheet HTML 7Page - Toshiba Semiconductor TB62709FG Datasheet HTML 8Page - Toshiba Semiconductor TB62709FG Datasheet HTML 9Page - Toshiba Semiconductor TB62709FG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TB62709NG/FG
2005-10-06
6
Operating modes (Table 1.)
These ICs support the following five operating modes :
1. Blank
: Forcibly turns OFF the constant−current output both for data and for digit setting. This
mode is not affected by the values in bits D11 to D0.
2. Normal Operate : Used for display operations after the settings of the digits are complete. Note that setting
this mode without making any other settings will cause display of the numeral 0.
3. Load Register
: Used for the detail settings of the Duty Control Register, for setting Decode / No Decode,
for inputting display data, and for setting the number of digits to drive. D11 to D0 of the
shift register are used for the detail settings of the digits currently being driven (Table 2).
4. All On
: Forcibly turns ON the data−side constant−current output. This mode is not affected by
D11 to D0.
The initial setting is four digits. When the digits must be changed,
use Load Register mode to set the number of digits to drive.
5. Standby
: Used to set Standby state (in which internal data are not cleared) and to clear data
(initialization). The settings in D3 to D0 of the shift register determine the choice between
standby state or initialization.
Table 1 Operating mode settings
REGISTER DATA
D15
D14
D13
D12
D11~D8
D7~D4
D3~D0
HEX CODE
INITIAL
SETTING
BLANK (OUT−n &
DIG−0~3 ALL−OFF)
0
0
0
0
0−−−H
NORMAL (OPERATION)
0
0
0
1
1−−−H
LOAD REGISTER (DUTY,
DECODE, DIGIT & DATA)
0
0
1
0
X
X
X
2XXXH
ALL ON (OUTn ALL−ON)
0
0
1
1
3−−−H
STAND−BY
0
1
0
0
X
4−−XH
X = Input H or L. "−" = Are not affected by the truth table.


Similar Part No. - TB62709FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709FG TOSHIBA-TB62709FG Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results

Similar Description - TB62709FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709N TOSHIBA-TB62709N_06 Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62785NG TOSHIBA-TB62785NG Datasheet
996Kb / 30P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709N TOSHIBA-TB62709N Datasheet
987Kb / 24P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TD62C851PG TOSHIBA-TD62C851PG Datasheet
573Kb / 13P
   8BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH DRIVERS
TB62702P TOSHIBA-TB62702P_06 Datasheet
309Kb / 11P
   10BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH / 10SEGMENT LED DRIVERS
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Marktech Corporate
MTE2050S-OH1 MARKTECH-MTE2050S-OH1 Datasheet
57Kb / 2P
   MTE2050S−OH1
logo
List of Unclassifed Man...
DILM7 ETC2-DILM7 Datasheet
140Kb / 2P
   RC−suppressor
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com