Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT209 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPT209
Description  PHOTODIODE WITH ON-CHIP AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPT209 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPT209 Datasheet HTML 3Page - Burr-Brown (TI) OPT209 Datasheet HTML 4Page - Burr-Brown (TI) OPT209 Datasheet HTML 5Page - Burr-Brown (TI) OPT209 Datasheet HTML 6Page - Burr-Brown (TI) OPT209 Datasheet HTML 7Page - Burr-Brown (TI) OPT209 Datasheet HTML 8Page - Burr-Brown (TI) OPT209 Datasheet HTML 9Page - Burr-Brown (TI) OPT209 Datasheet HTML 10Page - Burr-Brown (TI) OPT209 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
OPT209
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required to operate the
OPT209. Applications with high-impedance power supplies
may require decoupling capacitors located close to the
device pins as shown. Output is zero volts with no light and
increases with increasing illumination.
metal, and differential stages are cross-coupled. Furthermore,
the photodiode area is very large relative to the op amp input
circuitry making these effects negligible.
If your light source is focused to a small area, be sure that
it is properly aimed to fall on the photodiode. If a narrowly
focused light source were to miss the photodiode area and
fall only on the op amp circuitry, the OPT209 would not
perform properly. The large (0.090 x 0.090 inch) photodiode
area allows easy positioning of narrowly focused light sources.
The photodiode area is easily visible—it appears very dark
compared to the surrounding active circuitry.
The incident angle of the light source also affects the
apparent sensitivity in uniform irradiance. For small incident
angles, the loss in sensitivity is simply due to the smaller
effective light gathering area of the photodiode (proportional
to the cosine of the angle). At a greater incident angle, light
is diffused by the side of the package. These effects are
shown in the typical performance curve “Response vs Incident
Angle.”
Photodiode current, I
D, is proportional to the radiant power
or flux (in watts) falling on the photodiode. At a wavelength
of 650nm (visible red) the photodiode Responsivity, R
I, is
approximately 0.45A/W. Responsivity at other wavelengths
is shown in the typical performance curve “Responsivity vs
Wavelength.”
The typical performance curve “Output Voltage vs Radiant
Power” shows the response throughout a wide range of
radiant power. The response curve “Output Voltage vs
Irradiance” is based on the photodiode area of 5.23 x 10–6m2.
The OPT209’s voltage output is the product of the photodiode
current times the feedback resistor, (I
DRF). The internal
feedback resistor is laser trimmed to 1M
Ω ±2%. Using this
resistor, the output voltage responsivity, R
V, is approximately
0.45V/
µW at 650nm wavelength.
An external resistor can be connected to set a different
voltage responsivity. Best dynamic performance is achieved
by connecting REXT in series (for RF > 1MΩ), or in parallel
(for RF < 1MΩ), with the internal resistor as shown in
Figure 2. These connections take advantage of on-chip
capacitive guarding of the internal resistor, which improves
dynamic performance. For values of R
F less than 1MΩ, an
external capacitor, CEXT, should be connected in parallel
with R
F (see Figure 2). This capacitor eliminates gain
peaking and prevents instability. The value of CEXT can be
read from the table in Figure 2.
LIGHT SOURCE POSITIONING
The OPT209 is 100% tested with a light source that uniformly
illuminates the full area of the integrated circuit, including
the op amp. Although all IC amplifiers are light-sensitive to
some degree, the OPT209 op amp circuitry is designed to
minimize this effect. Sensitive junctions are shielded with
ID is proportional
to light intensity
(radiant power).
1M
OPT209
10pF
175
2
83
5
4
1
V
O
–15V
+15V
0.1µF 0.1µF
V
O = ID RF
R
F
I
D
I
D
(0V)
λ
FIGURE 1. Basic Circuit Connections.
FIGURE 2. Using External Feedback Resistor.
EQUIVALENT RF
CEXT
100M
(1)
10M
(1)
1M
(1)
330k
(1)pF
100k
9pF
33k
25pF
≤20kΩ
(2)
NOTES: (1) No CEXT required. (2)
Not recommended due to possible
op amp instability.
1M
OPT209
3pF
175
83
5
4
1
V
O = ID RF
V–
λ
V+
R
EXT
C
EXT
2
R
F = REXT || 1MΩ
For R
F < 1MΩ
1M
OPT209
175
5
4
V
O = ID RF
V–
λ
V+
2
R
F = REXT + 1MΩ
For R
F > 1MΩ
R
EXT


Similar Part No. - OPT209

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
   INTEGRATED PHOTODIODE AND AMPLIFIER
OPT201KP BURR-BROWN-OPT201KP Datasheet
213Kb / 11P
   INTEGRATED PHOTODIODE AND AMPLIFIER
OPT202 BURR-BROWN-OPT202 Datasheet
175Kb / 9P
   PHOTODIODE WITH ON-CHIP AMPLIFIER
More results

Similar Description - OPT209

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT202 BURR-BROWN-OPT202 Datasheet
175Kb / 9P
   PHOTODIODE WITH ON-CHIP AMPLIFIER
logo
Panasonic Semiconductor
PNA4U23F PANASONIC-PNA4U23F Datasheet
441Kb / 4P
   Photodiode with amplifier functions
PNA4U15F PANASONIC-PNA4U15F Datasheet
437Kb / 4P
   Photodiode with amplifier functions
PNA4U17F PANASONIC-PNA4U17F Datasheet
452Kb / 4P
   Photodiode with amplifier functions
PNA4U31F PANASONIC-PNA4U31F Datasheet
455Kb / 4P
   Photodiode with amplifier functions
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
EPIGAP optoelectronic G...
EPC-440-3.6 EPIGAP-EPC-440-3.6 Datasheet
28Kb / 2P
   Photodiode-Chip
EPC-470-0.5 EPIGAP-EPC-470-0.5 Datasheet
112Kb / 2P
   Photodiode-Chip
EPC-880-0.9-1 EPIGAP-EPC-880-0.9-1 Datasheet
113Kb / 2P
   Photodiode-Chip
EPC-1300-3.0-4 EPIGAP-EPC-1300-3.0-4 Datasheet
128Kb / 2P
   Photodiode-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com