Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA641UB Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA641UB
Description  Wideband Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA641UB Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA641UB Datasheet HTML 5Page - Burr-Brown (TI) OPA641UB Datasheet HTML 6Page - Burr-Brown (TI) OPA641UB Datasheet HTML 7Page - Burr-Brown (TI) OPA641UB Datasheet HTML 8Page - Burr-Brown (TI) OPA641UB Datasheet HTML 9Page - Burr-Brown (TI) OPA641UB Datasheet HTML 10Page - Burr-Brown (TI) OPA641UB Datasheet HTML 11Page - Burr-Brown (TI) OPA641UB Datasheet HTML 12Page - Burr-Brown (TI) OPA641UB Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
OPA641
®
The third-order intercept point is an important parameter for
many RF amplifier applications. Figure 6 shows the
OPA641’s single-tone third-order intercept versus frequency.
This curve is particularly useful for determining the magni-
tude of the third harmonic as a function of frequency, load
resistance, and gain. For example, assume that the applica-
tion requires the OPA641 to operate in a gain of +2V/V and
drive 2Vp-p into 100
Ω at a frequency of 5MHz. Referring to
Figure 6 we find that the intercept point is +38dBm. The
magnitude of the third harmonic can now be easily calcu-
lated from the expression:
Third Harmonic (dBc) = 2(OPI3P – PO)
where OPI3P = third-order output intercept, dBm
PO = output level/tone, dBm/tone
For this case OPI3P = 38dBm, PO = 7dBm, and the third
harmonic = 2(38 – 7) = 62dB below the fundamental tone.
The OPA641’s low IMD makes the device an excellent
choice for a variety of RF signal processing applications.
The value for the two-tone third-order intercept is typically
6dB lower than the single-tone value.
Settling time, specified in an inverting gain of one, occurs in
only 18ns to 0.01% for a 2V step, making the OPA641 one
of the fastest settling monolithic amplifiers commercially
available. Settling time increases with closed-loop gain and
output voltage change as described in the Typical Perform-
ance Curves. Preserving settling time requires critical atten-
tion to the details as mentioned under “Wiring Precautions.”
The amplifier also recovers quickly from input overloads.
Overload recovery time to linear operation from a 50%
overload is typically only 30ns.
In practice, settling time measurements on the OPA641
prove to be very difficult to perform. Accurate measurement
is next to impossible in all but the very best equipped labs.
Among other things, a fast flat-top generator and high speed
oscilloscope are needed. Unfortunately, fast flat-top genera-
tors, which settle to 0.01% in sufficient time, are scarce and
expensive. Fast oscilloscopes, however, are more commonly
available. For best results, a sampling oscilloscope is recom-
mended. Sampling scopes typically have bandwidths that
are greater than 1GHz and very low capacitance inputs.
They also exhibit faster settling times in response to signals
that would tend to overload a real-time oscilloscope.
Figure 6 shows the test circuit used to measure settling time
for the OPA641. This approach uses a 16-bit sampling
oscilloscope to monitor the input and output pulses. These
waveforms are captured by the sampling scope, averaged,
and then subtracted from each other in software to produce
the error signal. This technique eliminates the need for the
traditional “false-summing junction,” which adds extra para-
sitic capacitance. Note that instead of an additional flat-top
generator, this technique uses the scope’s built-in calibration
source as the input signal.
DIFFERENTIAL GAIN AND PHASE
Differential Gain (DG) and Differential Phase (DP) are
among the more important specifications for video applica-
tions. DG is defined as the percent change in closed-loop
gain over a specified change in output voltage level. DP is
defined as the change in degrees of the closed-loop phase
over the same output voltage change. Both DG and DP are
specified at the NTSC sub-carrier frequency of 3.58MHz.
DG and DP increase with closed-loop gain and output
voltage transition. All measurements were performed using
a Tektronix model VM700 Video Measurement Set.
DISTORTION AND NOISE
The OPA641’s harmonic distortion characteristics vs fre-
quency and power output in the Typical Performance Curves.
Distortion can be further improved by increasing the load
resistance (refer to Figure 5). Remember to include the
contribution of the feedback resistance when calculating the
effective load resistance seen by the amplifier.
Although harmonic distortion may decrease with higher
load resistances (i.e., higher feedback resistors), the effec-
tive output noise will increase due to the higher resistance.
Therefore, noise or harmonic distortion may be optimized
by picking the appropriate feedback resistor.
FIGURE 5. 5MHz Harmonic Distortion vs Load Resistance.
FIGURE 6. Single-Tone Third-Order Intercept Point vs Fre-
quency.
–70
–80
–90
–100
Load Resistance (
Ω)
2f
O
3f
O
10
100
1k
10k
G = +2, V
O = 2Vp-p, fO = 5MHz
60
50
40
30
20
10
Frequency (Hz)
10M
100M
1M
G = +2V/V


Similar Part No. - OPA641UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640P BURR-BROWN-OPA640P Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA641UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com