Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2218 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2218
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2218 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2218 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Aug. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
1A LOW DROPOUT LINEAR REGULATOR
AP2218
Electrical Characteristics (Continued)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Output Voltage
VOUT
IOUT=10mA
4.95
5.0
5.05
V
10mA
≤I
OUT≤1A, 6V≤VIN≤8V
(Note 2)
4.90
5.10
V
Line Regulation
VRLINE
IOUT=10mA, 6V≤VIN≤8V
550
mV
Load Regulation
VRLOAD
VIN=6V, 10mA≤IOUT≤1A
10
75
mV
Output Voltage
Temperature Coefficient
∆V
OUT/∆T
IOUT=10mA
100
500
µV/oC
Dropout Voltage (Note 3)
VDROP
∆V
OUT=1%
IOUT=100mA
70
200
mV
IOUT=1A
300
550
mV
Ground Current
IGND
VIN=6V
IOUT=750mA
6
15
mA
IOUT=1A
10
mA
Current Limit
ILIMIT
VOUT=0V (Note 4)
1.5
2.2
A
Minimum Load Current
ILOAD(MIN)
15
mA
Output Noise Voltage (rms)
10Hz to 100KHz, IOUT=100mA,
COUT=10µF
400
µV
Enable Input
Enable Input Voltage
VEN
Logic low (off)
0.8
V
Logic high (on)
2.25
V
Enable Input Current
IIN
VEN=2.25V
1
15
30
75
µA
VEN=0.8V
2
4
µA
Shutdown Output Current
IOUT(SHDN)
(Note 5)
10
20
µA
AP2218-5.0V Electrical Characteristics
Operating Conditions: VIN=6V, CIN=10µF, COUT=10µF, TJ=25
oC, unless otherwise specified. The Boldface
applies over -40oC
≤T
J≤125
oC. (P
≤maximum power dissipation.)
Note 2: For the details of VIN range, please refer to (VIN-VOUT)*ILOAD≤maximum power dissipation (Figure 4).
Note 3: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value
which is measured at VOUT+1V applied to VIN.
Note 4: VIN=VOUT(NOMINAL)+1V.
Note 5: VEN ≤0.8V, VIN≤8V, VOUT=0V.


Similar Part No. - AP2218

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210K-2.5TR BCDSEMI-AP2210K-2.5TR Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
AP2210K-2.5TRE1 BCDSEMI-AP2210K-2.5TRE1 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2210K-2.5TRE1 DIODES-AP2210K-2.5TRE1 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results

Similar Description - AP2218

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com