Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2203K-2.5TRE1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2203K-2.5TRE1
Description  150mA RF ULDO REGULATOR WITH ERROR FLAG
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2203K-2.5TRE1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2203K-2.5TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2203K-2.5TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2203K-2.5TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2203K-2.5TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2203K-2.5TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2203K-2.5TRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2203K-2.5TRE1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2203K-2.5TRE1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2203K-2.5TRE1 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2203
Preliminary Datasheet
11
Mar. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Enable Input Logic-low
Voltage
VIL
Regulator shutdown
0.4
V
0.18
Enable Input Logic-high Voltage
VIH
Regulator enabled
2.0
V
Enable Input Logic-low Current
IIL
VIL≤ 0.4V
0.01
-1
µA
VIL≤ 0.18V
-2
Enable Input Logic-high Current
IIH
VIL≥ 2.0V
5
20
µA
VIL≥ 2.0V
25
Flag Threshold
VERR
Undervoltage condition
(below nominal) (Note 7)
-10
-6
-2
%
Output Logic-low Voltage
(Note 8)
VOL
IFL=1mA
Undervoltage condition
0.2
0.4
V
Flag Leakage Current
IFL
Flag off, VFLAG=0V to 13.2V
-0.1
0.1
1
µA
Note 2: Specifications in bold type are limited to -40oC<TJ<125
oC. Limits over temperature are guaranteed by design, but not
tested in production.
Note 3: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
Note 4: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the
supply is the sum of the load current plus the ground pin current.
Note 7: The error flag comparator includes 2.5% hysteresis.
Note 8: The FLAG pin will be enabled if EN pin voltage is high, and disabled if EN pin voltage is low.
Electrical Characteristics (Continued)
VIN=4.3V, IOUT=100µA, COUT=2.2µF, VEN≥2.0V, TJ=25
oC, Bold typeface applies over -40oC<T
J<125
oC (note 2), unless other-
wise specified.
AP2203-3.3V Electrical Characteristics


Similar Part No. - AP2203K-2.5TRE1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
   Step-up DC/DC converter IC supporting 1 or 2 solar cells
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2201K2.6TR BCDSEMI-AP2201K2.6TR Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
More results

Similar Description - AP2203K-2.5TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
logo
Micrel Semiconductor
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256 MICREL-MIC5256_10 Datasheet
566Kb / 13P
   150mA 關Cap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
   Dual 150mA 關Cap LDO with Error Flag Outputs
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com