Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2115BK-2.8TRE1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2115BK-2.8TRE1
Description  300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2115BK-2.8TRE1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2115BK-2.8TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2115BK-2.8TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2115BK-2.8TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2115BK-2.8TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2115BK-2.8TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2115BK-2.8TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2115BK-2.8TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2115BK-2.8TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2115BK-2.8TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2115
Preliminary Datasheet
4
Oct. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-23-5
-40 to 125oC
AP2115BK-1.8TR
AP2115BK-1.8TRE1
K7B
E7B
Tape & Reel
AP2115BK-2.5TR
AP2115BK-2.5TRE1
K7D
E7D
Tape & Reel
AP2115BK-2.8TR
AP2115BK-2.8TRE1
K7F
E7F
Tape & Reel
AP2115BK-3.0TR
AP2115BK-3.0TRE1
K7H
E7H
Tape & Reel
AP2115BK-3.3TR
AP2115BK-3.3TRE1
K7J
E7J
Tape & Reel
Parameter
Symbol
Min
Max
Unit
Input Voltage (Note 3)
VIN
2.2
6.5
V
Operating Junction Temperature Range
TJ
-40
125
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: All voltage values are with respect to network ground terminal.
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage (Note 2)
VIN
-0.3 to 8
V
Input Voltage (CE/CE Pin)
VSHDN
-0.3 to VIN+0.3
V
Output Voltage
VOUT
-0.3 to VIN+0.3
V
Output Current
IOUT
500
mA
Power Dissipation
PD
250
mW
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
300
oC
ESD (Machine Model)
ESD
200
V
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information (Continued)
Note 3: To calculate the minimum input voltage for maximum output current, the following formula is recommended:
VIN(Min)=VOUT(Max)+VDROP(Max load)
Recommended Operating Conditions


Similar Part No. - AP2115BK-2.8TRE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
BCD Semiconductor Manuf...
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2115M-1.2G1 DIODES-AP2115M-1.2G1 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
BCD Semiconductor Manuf...
AP2115M-1.2TRG1 BCDSEMI-AP2115M-1.2TRG1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2115M-1.2TRG1 DIODES-AP2115M-1.2TRG1 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
More results

Similar Description - AP2115BK-2.8TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
   Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com