Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2203K-3.0TRE1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2203K-3.0TRE1
Description  150mA RF ULDO REGULATOR WITH ERROR FLAG
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2203K-3.0TRE1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2203K-3.0TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2203K-3.0TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2203K-3.0TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2203K-3.0TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2203K-3.0TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2203K-3.0TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2203K-3.0TRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2203K-3.0TRE1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2203K-3.0TRE1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2203
Preliminary Datasheet
10
Mar. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
∆V
OUT/VOUT
Variation from specified VOUT
-1
1
%
-2
2
Output Voltage
Temperature Coefficient
(Note 3)
∆V
OUT/∆T
120
µV/oC
(
∆V
OUT/VOUT)/∆T
36
ppm/oC
Line Regulation
VRLINE
VIN=4.3V to 13.2V
1.5
4.5
mV
12
Load Regulation
VRLOAD
IOUT=0.1mA to 150mA
(Note 4)
16
mV
15
Dropout Voltage
(Note 5)
VDROP
IOUT=100µA
15
50
mV
70
IOUT=50mA
110
150
230
IOUT=100mA
140
250
300
IOUT=150mA
165
275
350
Quiescent Current
IQ
VEN ≤ 0.4V (shutdown)
0.01
1
µA
VEN ≤ 0.18V (shutdown)
5
Ground Pin Current
(Note 6)
IGND
VEN ≥ 2.0V, IOUT=100µA
100
150
µA
180
VEN ≥ 2.0V, IOUT=50mA
350
600
800
VEN ≥ 2.0V, IOUT=100mA
600
1000
1500
VEN ≥ 2.0V, IOUT=150mA
1300
1900
2500
Ripple Rejection
PSRR
frequency=100Hz, IOUT=100µA75
dB
Current Limit
ILIMIT
VOUT=0V
450
650
mA
VIN=4.3V, IOUT=100µA, COUT=2.2µF, VEN≥2.0V, TJ=25
oC, Bold typeface applies over -40oC<T
J<125
oC (note 2), unless other-
wise specified.
AP2203-3.3V Electrical Characteristics
Electrical Characteristics (Continued)


Similar Part No. - AP2203K-3.0TRE1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
   Step-up DC/DC converter IC supporting 1 or 2 solar cells
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2201K2.6TR BCDSEMI-AP2201K2.6TR Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
More results

Similar Description - AP2203K-3.0TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
logo
Micrel Semiconductor
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256 MICREL-MIC5256_10 Datasheet
566Kb / 13P
   150mA 關Cap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
   Dual 150mA 關Cap LDO with Error Flag Outputs
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com