Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4303BM-C Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP4303BM-C
Description  QUAD OP AMP AND VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4303BM-C Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP4303BM-C Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4303BM-C Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4303BM-C Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4303BM-C Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4303BM-C Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4303BM-C Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4303BM-C Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4303BM-C Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4303BM-C Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4303
Data Sheet
5
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Min
Max
Unit
Supply Voltage
3
18
V
Ambient Temperature
-40
85
oC
Recommended Operating Conditions
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings " may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings " for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Power Supply Voltage (VCC to GND)
VCC
20
V
Op Amp Input Voltage Range
VIN
-0.3 to VCC + 0.3
V
Op Amp Input Differentials Voltage
VID
20
V
Voltage Reference Cathode Current (Pin 9)
IK
100
mA
Power Dissipation
DIP-16
PD
1000
mW
SOIC-16
1000
Storage Temperature Range
TSTG
-65 to 150
oC
ESD Protection Voltage (Machine Model)
>200
V
Absolute Maximum Ratings (Note 1)


Similar Part No. - AP4303BM-C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4303BM-C BCDSEMI-AP4303BM-C Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303BM-CE1 BCDSEMI-AP4303BM-CE1 Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303BM-CTR BCDSEMI-AP4303BM-CTR Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303BM-CTRE1 BCDSEMI-AP4303BM-CTRE1 Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4303BM-C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4302 BCDSEMI-AP4302_06 Datasheet
167Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303_06 Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com