Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4302AMTR-E1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP4302AMTR-E1
Description  QUAD OP AMP AND VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4302AMTR-E1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4302AMTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4302AMTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4302AMTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4302AMTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4302AMTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4302AMTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4302AMTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4302AMTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP4302AMTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302
Data Sheet
8
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 6. Cathode Current vs. Cathode Voltage
-2
-1
0
1
2
3
-100
-50
0
50
100
150
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
0C
1K
10K
100K
1000K
0
10
20
30
40
50
60
0
10
20
30
40
50
60
T
A
= 25
oC
I
KA
= 10mA
Small Signal Frequency
Figure 7. Voltage Reference Small Signal Voltage Gain
vs. Frequency
Figure 8. Pulse Response of Input and Output Voltage
Figure 9. Op Amp Voltage Gain
02
46
0
1
2
3
4
5
Input
Time (µS)
Output
0
2
4
6
8
1012
14
161820
60
70
80
90
100
110
Supply Voltage (V)
R
L
=2K
R
L
=20K


Similar Part No. - AP4302AMTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4302AMTR-E1 BCDSEMI-AP4302AMTR-E1 Datasheet
167Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4302AMTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4303 BCDSEMI-AP4303 Datasheet
158Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4302 BCDSEMI-AP4302_06 Datasheet
167Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303_06 Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com