Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4310PTR-E1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP4310PTR-E1
Description  DUAL OP AMP AND VOLTAGE REFERENCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4310PTR-E1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP4310PTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4310PTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4310PTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4310PTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4310PTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4310PTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4310PTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4310PTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4310PTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DUAL OP AMP AND VOLTAGE REFERENCE
AP4310
Preliminary Datasheet
2
Apr. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
Pin Configuration
Figure 2. Pin Configuration of AP4310
INPUT 1-
INPUT 1+ / VKA
GND
VCC
OUTPUT 2
INPUT 2-
INPUT 2+
1
4
5
6
7
8
3
2
OUTPUT 1
Figure 3. Functional Block Diagram of AP4310
VCC
OUTPUT 2
INPUT 2-
INPUT 2+
GND
INPUT 1+ / VKA
INPUT 1-
OUTPUT 1
(SOIC-8/DIP-8)
M Package/P Package
Top View
-
+
-
+
1
2
3
4
8
7
6
5
Op
Amp 1
Op
Amp 2


Similar Part No. - AP4310PTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4310P BCDSEMI-AP4310P Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4310PTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com