Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS78L18ZTR Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AS78L18ZTR
Description  100mA POSITIVE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS78L18ZTR Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS78L18ZTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS78L18ZTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS78L18ZTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS78L18ZTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS78L18ZTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS78L18ZTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS78L18ZTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78L18ZTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78L18ZTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Preliminary Datasheet
4
Feb. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-92
-40 to 125oC
AS78L05Z-E1
AS78L05Z-E1
Bulk
AS78L05ZTR-E1
AS78L05Z-E1
Ammo
AS78L12Z-E1
AS78L12Z-E1
Bulk
AS78L12ZTR-E1
AS78L12Z-E1
Ammo
AS78L15Z-E1
AS78L15Z-E1
Bulk
AS78L15ZTR-E1
AS78L15Z-E1
Ammo
AS78L18Z-E1
AS78L18Z-E1
Bulk
AS78L18ZTR-E1
AS78L18Z-E1
Ammo
AS78L24Z-E1
AS78L24Z-E1
Bulk
AS78L24ZTR-E1
AS78L24Z-E1
Ammo
SOT-89-3
-40 to 125
oC
AS78L05RTR-E1
E78E
Tape & Reel
AS78L12RTR-E1
E78F
Tape & Reel
AS78L15RTR-E1
E78G
Tape & Reel
AS78L18RTR-E1
E78H
Tape & Reel
AS78L24RTR-E1
E78I
Tape & Reel
Ordering Information
Circuit Type
Package
E1: Lead Free
AS78LXX
TR: Tape & Reel or Ammo
Z: TO-92
-
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Output Voltage
05: 05V
12: 12V
Blank: Bulk
R: SOT-89-3
15: 15V
18: 18V
24: 24V


Similar Part No. - AS78L18ZTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L18ZTR-E1 BCDSEMI-AS78L18ZTR-E1 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
AS78L18ZTR-E1 BCDSEMI-AS78L18ZTR-E1 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78L18ZTR-G1 BCDSEMI-AS78L18ZTR-G1 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AS78L18ZTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com