Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2021ETX Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2021ETX
Description  High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021ETX Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2021ETX Datasheet HTML 2Page - Maxim Integrated Products MAX2021ETX Datasheet HTML 3Page - Maxim Integrated Products MAX2021ETX Datasheet HTML 4Page - Maxim Integrated Products MAX2021ETX Datasheet HTML 5Page - Maxim Integrated Products MAX2021ETX Datasheet HTML 6Page - Maxim Integrated Products MAX2021ETX Datasheet HTML 7Page - Maxim Integrated Products MAX2021ETX Datasheet HTML 8Page - Maxim Integrated Products MAX2021ETX Datasheet HTML 9Page - Maxim Integrated Products MAX2021ETX Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
750MHz to 1200MHz Quadrature Mod/Demod
6
_______________________________________________________________________________________
MODULATOR OUTPUT POWER
vs. INPUT POWER
INPUT POWER (dBm)
19
16
25
22
13
10
5
0
15
20
-5
10
28
INPUT SPLIT BETWEEN I AND Q,
fIF = 25MHz, fLO = 900MHz
PLO = -6dBm, -3dBm, 0dBm, +3dBm
MODULATOR OUTPUT POWER
vs. LO FREQUENCY
LO FREQUENCY (MHz)
975
900
1125
1050
825
1
-1
-3
3
5
-5
750
1200
TC = -40
°C
TC = +85
°C
TC = +25
°C
VBBI = VBBQ = 1.4VP-P
DIFFERENTIAL
LO LEAKAGE vs. LO FREQUENCY
LO FREQUENCY (MHz)
959
948
937
926
-90
-80
-70
-60
-50
-40
-100
915
970
PRF = -40dBm
PRF = -7dBm
PRF = -1dBm
LO LEAKAGE NULLED AT PRF = -1dBm
PRF = +5dBm
LO LEAKAGE vs. LO FREQUENCY
LO FREQUENCY (MHz)
959
948
937
926
-90
-80
-70
-60
-50
-40
-100
915
970
TC = -40
°C
TC = +85
°C
TC = +25
°C
PRF = -1dBm, LO LEAKAGE NULLED AT TC = +25
°C
LO LEAKAGE vs. LO FREQUENCY
LO FREQUENCY (MHz)
959
948
937
926
-90
-80
-70
-60
-50
-40
-100
915
970
PLO = -6dBm
PLO = +3dBm
PLO = -3dBm
PLO = 0dBm
PRF = -1dBm, LO LEAKAGE NULLED AT PLO = 0dBm
OUTPUT NOISE vs. OUTPUT POWER
OUTPUT POWER (dBm)
10
5
0
-5
-10
-175
-170
-165
-160
-155
-150
-180
-15
15
TC = +25
°C, fLO = 900MHz
PLO = -6dBm
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
OUTPUT NOISE vs. OUTPUT POWER
OUTPUT POWER (dBm)
10
5
0
-5
-10
-175
-170
-165
-160
-155
-150
-180
-15
15
PLO = 0dBm, fLO = 900MHz
TC = +85
°C
TC = -40
°C
TC = +25
°C
Typical Operating Characteristics (continued)
(MAX2021 Typical Application Circuit, VCC = +4.75V to +5.25V, GND = 0V, I/Q differential inputs driven from a 100
Ω DC-coupled
source, 0V common-mode input, PLO = 0dBm, 750MHz
≤ fLO ≤ 1200MHz, 50Ω LO and RF system impedance, R1 = 432Ω, R2 = 619Ω,
R3 = 332
Ω, TC = -40°C to +85°C. Typical values are at VCC = +5V, VBBI = 1.4VP-P differential, VBBQ = 1.4VP-P differential, fIQ = 1MHz,
fLO = 900MHz, TC = +25°C, unless otherwise noted.)
MODULATOR


Similar Part No. - MAX2021ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021ETX++ MAXIM-MAX2021ETX+ Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2021ETX+T MAXIM-MAX2021ETX+T Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
More results

Similar Description - MAX2021ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021 MAXIM-MAX2021_13 Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
   High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
[Old version datasheet]   Direct Downconversion Receiver
logo
Maxim Integrated Produc...
MAX2700 MAXIM-MAX2700 Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com