Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7891-BLK Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # ACPM-7891-BLK
Description  Agilent ACPM-7891 Tri-Band Power Amplifier Module EGSM, DCS and PCS Multi-slot GPRS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ACPM-7891-BLK Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button ACPM-7891-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) ACPM-7891-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) ACPM-7891-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) ACPM-7891-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) ACPM-7891-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) ACPM-7891-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) ACPM-7891-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) ACPM-7891-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) ACPM-7891-BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
Typical Performance, continued
Test conditions: Vdd = +3.5V, case temperature of +25
°C, and Zo=50 ohms unless otherwise stated.
Vapc (V)
Figure 19. Pout/Vapc and Idd/Vapc vs. Vapc
(EGSM band, Vdd = 3.5V).
0.95
1.45
2.45
Idd/Vapc
Pout/Vapc
1.95
300
250
200
150
100
50
0
3000
2500
2000
1500
1000
500
0
Vapc (V)
Figure 20. Pout/Vapc and Idd/Vapc vs. Vapc
(DCS 1750 MHz, Vdd = 3.5V).
0.70
1.20
2.20
1.70
350
300
250
200
150
100
50
0
3500
3000
2500
2000
1500
1000
500
0
Idd/Vapc
Pout/Vapc
Vapc (V)
Figure 21. Pout/Vapc and Idd/Vapc vs. Vapc
(PCS 1880 MHz, Vdd = 3.5V).
0.90
1.40
2.40
1.90
300
250
200
150
100
50
0
3000
2500
2000
1500
1000
500
0
Idd/Vapc
Pout/Vapc
Vapc (V)
Figure 22. Pout/Vapc and Idd/Vapc vs. Vapc
(EGSM band, Vdd = 3.0V).
0.95
1.45
2.45
1.95
300
250
200
150
100
50
0
3000
2500
2000
1500
1000
500
0
Idd/Vapc
Pout/Vapc
Vapc (V)
Figure 23. Pout/Vapc and Idd/Vapc vs. Vapc
(DCS 1750 MHz, Vdd = 3.0V).
0.90
1.40
2.40
1.90
300
250
200
150
100
50
0
3000
2500
2000
1500
1000
500
0
Idd/Vapc
Pout/Vapc
Vapc (V)
Figure 24. Pout/Vapc and Idd/Vapc vs. Vapc
(PCS 1880 MHz, Vdd = 3.0V).
0.90
1.40
2.40
1.90
300
250
200
150
100
50
0
3000
2500
2000
1500
1000
500
0
Idd/Vapc
Pout/Vapc


Similar Part No. - ACPM-7891-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7800 AVAGO-ACPM-7800 Datasheet
201Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Broadcom Corporation.
ACPM-7800 BOARDCOM-ACPM-7800 Datasheet
201Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
   CDMA/AMPS Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813 AVAGO-ACPM-7813 Datasheet
217Kb / 20P
   Dynamic bias control for low midpower Idd
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
   CDMA/AMPS Power Amplifier Module
More results

Similar Description - ACPM-7891-BLK

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
   CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6107 ANADIGICS-AWT6107 Datasheet
233Kb / 8P
   EGSM/DCS Dual Band 3.5V GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
   PA Module for Tri-Band EGSM / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
   PA Module for Tri-Band EGSM / GPRS
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
   TRI-BAND GSM/DCS/PCS LNA
logo
RF Micro Devices
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
   QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com