Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC257D Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AHC257D
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC257D Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC257D Datasheet HTML 1Page - Texas Instruments SN74AHC257D Datasheet HTML 2Page - Texas Instruments SN74AHC257D Datasheet HTML 3Page - Texas Instruments SN74AHC257D Datasheet HTML 4Page - Texas Instruments SN74AHC257D Datasheet HTML 5Page - Texas Instruments SN74AHC257D Datasheet HTML 6Page - Texas Instruments SN74AHC257D Datasheet HTML 7Page - Texas Instruments SN74AHC257D Datasheet HTML 8Page - Texas Instruments SN74AHC257D Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN54AHC257, SN74AHC257
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
WITH 3-STATE OUTPUTS
SCLS349C – MAY 1996 – REVISED JULY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
FROM
TO
LOAD
SN54AHC257
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
tPLH*
AorB
Y
CL =15 pF
ns
tPHL*
A or B
Y
CL = 15 pF
ns
tPLH*
A/B
Y
CL =15 pF
ns
tPHL*
A/B
Y
CL = 15 pF
ns
tPZH*
OE
Y
CL =15 pF
ns
tPZL*
OE
Y
CL = 15 pF
ns
tPHZ*
OE
Y
CL =15 pF
ns
tPLZ*
OE
Y
CL = 15 pF
ns
tPLH
AorB
Y
CL =50 pF
ns
tPHL
A or B
Y
CL = 50 pF
ns
tPLH
A/B
Y
CL =50 pF
ns
tPHL
A/B
Y
CL = 50 pF
ns
tPZH
OE
Y
CL =50 pF
ns
tPZL
OE
Y
CL = 50 pF
ns
tPHZ
OE
Y
CL =50 pF
ns
tPLZ
OE
Y
CL = 50 pF
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
FROM
TO
LOAD
SN74AHC257
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
tPLH
AorB
Y
CL =15 pF
ns
tPHL
A or B
Y
CL = 15 pF
ns
tPLH
A/B
Y
CL =15 pF
ns
tPHL
A/B
Y
CL = 15 pF
ns
tPZH
OE
Y
CL =15 pF
ns
tPZL
OE
Y
CL = 15 pF
ns
tPHZ
OE
Y
CL =15 pF
ns
tPLZ
OE
Y
CL = 15 pF
ns
tPLH
AorB
Y
CL =50 pF
ns
tPHL
A or B
Y
CL = 50 pF
ns
tPLH
A/B
Y
CL =50 pF
ns
tPHL
A/B
Y
CL = 50 pF
ns
tPZH
OE
Y
CL =50 pF
ns
tPZL
OE
Y
CL = 50 pF
ns
tPHZ
OE
Y
CL =50 pF
ns
tPLZ
OE
Y
CL = 50 pF
ns


Similar Part No. - SN74AHC257D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC257 TI1-SN74AHC257 Datasheet
1Mb / 29P
[Old version datasheet]   SN74AHC257-Q1 Automotive Quad 2-Input Data Selectors/Multiplexers with Three-State Non-Inverting Outputs
MARCH 2024
SN74AHC257 TI1-SN74AHC257 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC257 Quad 2-Input Data Selectors/Multiplexers with Three-State Non-Inverting Outputs
MARCH 2024
SN74AHC257-Q1 TI1-SN74AHC257-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   SN74AHC257-Q1 Automotive Quad 2-Input Data Selectors/Multiplexers with Three-State Non-Inverting Outputs
MARCH 2024
SN74AHC257-Q1 TI1-SN74AHC257-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC257 Quad 2-Input Data Selectors/Multiplexers with Three-State Non-Inverting Outputs
MARCH 2024
SN74AHC257BQBR TI1-SN74AHC257BQBR Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC257 Quad 2-Input Data Selectors/Multiplexers with Three-State Non-Inverting Outputs
MARCH 2024
More results

Similar Description - SN74AHC257D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HCT257 TI-SN54HCT257 Datasheet
272Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI1-SN54F258_12 Datasheet
79Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257 Datasheet
478Kb / 16P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS257A TI-SN54ALS257A Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI1-SN54HC257_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257_06 Datasheet
471Kb / 17P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LVC257A TI-SN74LVC257A Datasheet
539Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS/ MULTIPLEXERS WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com