Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T1008V2C-TD10 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6T1008V2C-TD10
Description  128K x8 bit Low Power and Low Voltage CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T1008V2C-TD10 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6T1008V2C-TD10 Datasheet HTML 1Page - Samsung semiconductor K6T1008V2C-TD10 Datasheet HTML 2Page - Samsung semiconductor K6T1008V2C-TD10 Datasheet HTML 3Page - Samsung semiconductor K6T1008V2C-TD10 Datasheet HTML 4Page - Samsung semiconductor K6T1008V2C-TD10 Datasheet HTML 5Page - Samsung semiconductor K6T1008V2C-TD10 Datasheet HTML 6Page - Samsung semiconductor K6T1008V2C-TD10 Datasheet HTML 7Page - Samsung semiconductor K6T1008V2C-TD10 Datasheet HTML 8Page - Samsung semiconductor K6T1008V2C-TD10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
K6T1008V2C, K6T1008U2C Family
CMOS SRAM
Revision 2.0
November 1997
1
Document Title
128K x8 bit Low Power and Low Voltage CMOS Static RAM
Revision History
Remark
Preliminary
Final
Final
History
Initial draft
Finalize
- Increased ISB, IDR
Commercial part = 10
µA
Industrial part = 20
µA
Revise
- Change speed bin
KM68V1000C Family: 70/85ns
→ 70/100ns
KM68U1000C Family: 70/100ns
→ 85/100ns
- Improved operating current: 40mA
→ 35mA
- Improved power dissipation
PD: 0.7W
→ 1.0W
- Improved standby current
Extended/Industrial: 20
→ 10µA
- VIL: 0.4V
→ 0.6V
Draft Data
July 3, 1996
December 16, 1996
November 25, 1997
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserves the right to change the specifications and
products. SAMSUNG Electronics will answer to your questions about device. If you have any questions, please contact the SAMSUNG branch offices.
Revision No.
0.0
1.0
2.0


Similar Part No. - K6T1008V2C-TD10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-B SAMSUNG-K6T1008C2C-B Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB55 SAMSUNG-K6T1008C2C-DB55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB70 SAMSUNG-K6T1008C2C-DB70 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DL55 SAMSUNG-K6T1008C2C-DL55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T1008V2C-TD10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com