Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QF1.4-L0200 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # QF1.4-L0200
Description  Crystal filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

QF1.4-L0200 Datasheet(HTML) 1 Page - Vectron International, Inc

  QF1.4-L0200 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal filter
QF 1.4-L0200/05
Application
Limiting values
Unit
Value
Center frequency
fo
MHz
1.4
Insertion loss
dB
5.0
Pass band at 4.0 dB
kHz
-2.5...-0.5
Ripple in pass band
fo -0.8....-2 kHz
dB
3.0
Stop band attenuation
fo
dB
10
fo
–5 kHz; fo + .7 kHz
dB
> 45
Alternate attenuation
dB
> 45 except spurious
Terminating impedance Z
R1 || C1
Ohm/pF
1000 || 75
R2 || C2
Ohm/pF
1000 || 75
Operating temp. range
° C
-10... +65
6 pol filter
i.f.- filter
use in mobile and
stationary transceivers
Characterstics
QF 1.4-L0200/05
Pass band
Stop band
Pin connections:
1
Input
2
Ground-Input
3
Output
4
Ground-Output
TELE FILTER Zweigniederlassung der DOVER Germany GMBH
18.06.01
Potsdamer Str. 18 D- 14513 Teltow
(+49)03328-4784-10 ; Fax (+49)03328-4784-30 http:\\www.vectron.com


Similar Part No. - QF1.4-L0200

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
QF1.4-L0205 VECTRON-QF1.4-L0205 Datasheet
75Kb / 1P
   Crystal filter
More results

Similar Description - QF1.4-L0200

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
QF1.4-0030-08 VECTRON-QF1.4-0030-08 Datasheet
41Kb / 1P
   Crystal filter
QF21.4-12000 VECTRON-QF21.4-12000 Datasheet
76Kb / 1P
   Crystal filter
QF2.5-U0290 VECTRON-QF2.5-U0290 Datasheet
73Kb / 1P
   Crystal filter
logo
Shoulder Electronics Li...
UM-1-45M SHOULDER-UM-1-45M Datasheet
82Kb / 2P
   CRYSTAL FILTER
logo
List of Unclassifed Man...
ATFN6036A ETC1-ATFN6036A Datasheet
73Kb / 2P
   Crystal Filter
logo
CTS Corporation
ATFN6030A CTS-ATFN6030A Datasheet
72Kb / 2P
   Crystal Filter
logo
Vectron International, ...
QF10.7-0050-04 VECTRON-QF10.7-0050-04 Datasheet
42Kb / 1P
   Crystal filter
QF21.4-20000 VECTRON-QF21.4-20000 Datasheet
74Kb / 1P
   Crystal filter
QF1.4-L0235 VECTRON-QF1.4-L0235 Datasheet
75Kb / 1P
   Crystal filter
QF172.955-3500 VECTRON-QF172.955-3500 Datasheet
75Kb / 1P
   Crystal filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com