Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-751-LFF-GNN672.1627 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VS-751-LFF-GNN672.1627
Description  Dual Frequency VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-751-LFF-GNN672.1627 Datasheet(HTML) 5 Page - Vectron International, Inc

  VS-751-LFF-GNN672.1627 Datasheet HTML 1Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 2Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 3Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 4Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 5Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 6Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-751 Voltage Controlled SAW Oscillator
Typical Characteristics
y = 415.29x - 605.56
y = 398.69x - 578.48
-800
-600
-400
-200
0
200
400
600
800
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Control Voltage (V)
622 Vc Pull
644 Vc Pull
Linear (622 Vc Pull)
Linear (644 Vc Pull)
At Ambient (22.5 C)
Typical Gain Transfer @ 622.0800 = +415 ppm/V
Typical Gain Transfer @ 644.5313 = +399 ppm/V
-155
-150
-145
-140
-135
-130
-125
-120
-115
-110
-105
-100
-95
10
100
1,000
10,000
100,000
Offset (kHz)
OC-192 Spec
F1 = 622
F2 = 644
1/f
3
1/f
2
1/f
1
OC-192 Spec Equivalent to
0.25 ps-rms @ 500 MHz
Typical Calculated Jitter @ Vc = 1.65V
SONET OC-48 (12kHz-20MHz) = 0.23 ps-rms; 1.61 ps-pp
SONET OC-192 (50kHz-80MHz) = 0.13 ps-rms; 0.91 ps-pp
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 5 of 7
Rev: 09Jan06


Similar Part No. - VS-751-LFF-GNN672.1627

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
More results

Similar Description - VS-751-LFF-GNN672.1627

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
   DUAL FREQUENCY VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
   Dual Frequency VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com