Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-751-LFF-GNN672.1627 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VS-751-LFF-GNN672.1627
Description  Dual Frequency VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-751-LFF-GNN672.1627 Datasheet(HTML) 3 Page - Vectron International, Inc

  VS-751-LFF-GNN672.1627 Datasheet HTML 1Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 2Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 3Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 4Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 5Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 6Page - Vectron International, Inc VS-751-LFF-GNN672.1627 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-751 Voltage Controlled SAW Oscillator
VS751LG
XX - XX
VI YWW
5.10
±0.15
[0.201
±0.006]
mm
[inch]
65
4
12
3
7.50
±0.15
[0.295
±0.006]
2.49
±0.18
[0.098
±0.007]
2.54
[0.100]
1.30
[0.051]
Y = Year
WW = Week
XX = Frequency Code
(See Ordering Info)
1.27
[0
mm
[inch]
5.08
[0.200]
2.54
[0.100]
3.83
[0.151]
1.68
[0.066]
1.70
[0.067]
0.86
[0.034]
5.54
[0.218]
6.76
[0.266]
Outline Diagram
Pad Layout
.050]
1.27
[0.050]
4X R0.19
[R0.007]
R0.15
[R0.006]
0.68
[0.027]
Pin Out
Marking Key
Pin
Symbol
Function
Position 6
Position 7
1
VC
VCSO Control Voltage
L = LFF
G = GNN
2
FS
Frequency Select (See Control Logic)
H = HNN
3
Gnd
Case and Electrical Ground
4
Output
VCSO Output
Control Logic (LV-CMOS)
5
COutput
VCSO Complementary Output
FS
Operation
6
VCC
Power Supply Voltage (3.3 V
10%)
0
F1
1
F2
Tape and Reel (EIA-481-2-A)
Tape Dimensions (mm)
Reel Dimensions (mm)
Dimension
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
# Per
Tolerance
Typ
Typ
Typ
Typ
Typ
Typ
Min
Typ
Min
Min
Typ
Max
Reel
VS-751
16
7.5
1.5
4
8
178
1.5
13
20.2
50
16.4
22.4
200
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 3 of 7
Rev: 09Jan06
Po
W
A
N
F
P1
W1
W2
C
B
D
ØDo


Similar Part No. - VS-751-LFF-GNN672.1627

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
More results

Similar Description - VS-751-LFF-GNN672.1627

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
   DUAL FREQUENCY VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
   Dual Frequency VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com