Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS70H16 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS70H16
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS70H16 Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS70H16 Datasheet HTML 1Page - Vectron International, Inc TFS70H16 Datasheet HTML 2Page - Vectron International, Inc TFS70H16 Datasheet HTML 3Page - Vectron International, Inc TFS70H16 Datasheet HTML 4Page - Vectron International, Inc TFS70H16 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
File name: Tfs70H16.doc
Version 1.0
22.08.2002
VI TELEFILTER
Filter specification
TFS 70H16
3/5
5. Stability characteristics :
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 18 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55
°C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2
– 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: twice max.;
for temperature conditions, please refer to the attached "Air reflow temperature conditions"
on page 4;
VI TELEFILTER
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of
their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS70H16

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS70H11 VECTRON-TFS70H11 Datasheet
61Kb / 5P
   Filter Specification
TFS70H12 VECTRON-TFS70H12 Datasheet
34Kb / 4P
   Filter Specification
TFS70H12A VECTRON-TFS70H12A Datasheet
33Kb / 4P
   Filter Specification
TFS70H13 VECTRON-TFS70H13 Datasheet
159Kb / 5P
   Filter specification
TFS70H13A VECTRON-TFS70H13A Datasheet
186Kb / 5P
   Filter specification
More results

Similar Description - TFS70H16

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com