Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63994P Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M63994P
Description  HIGH VOLTAGE HALF BRIDGE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63994P Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  M63994P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63994P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63994P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63994P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63994P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63994P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M63994P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M63994P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Sep. 2000
DIP8-P-300-2.54
Weight(g)
JEDEC Code
0.5
EIAJ Package Code
Lead Material
Cu Alloy
8P4
Plastic 8pin 300mil DIP
––
9.1
8.7
3.0
Symbol
Min
Nom
Max
A
A2
b
b1
b2
c
L
Dimension in Millimeters
A1
15
°
7.62
2.45
6.45
6.3
6.15
8.9
0.34
0.27
0.22
1.3
1.0
0.9
1.8
1.5
1.4
0.6
0.5
0.4
3.3
0.51
4.5
0
°
E
D
e1
e
8
5
4
1
D
SEATING PLANE
b1
b
b2
e
MITSUBISHI SEMICONDUCTORS <HVIC>
M63994P/FP
HIGH VOLTAGE HALF BRIDGE DRIVER
PACKAGE OUTLINE
SOP8-P-225-1.27
Weight(g)
JEDEC Code
0.07
EIAJ Package Code
Lead Material
Cu Alloy
8P2S-A
Plastic 8pin 225mil SOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
A1
I2
0.05
–1.5
0.35
0.4
0.5
0.13
0.15
0.2
4.8
5.0
5.2
4.2
4.4
4.6
–1.27
5.9
6.2
6.5
0.2
0.4
0.6
–0.9
0.1
0
°
–10
°
–0.76
–5.72
1.27
1.9
e
e1
8
5
4
1
D
b
e
y
F
A
A2
A1
c
Detail F
e
b2
Recommended Mount Pad


Similar Part No. - M63994P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63991 MITSUBISHI-M63991 Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63991FP MITSUBISHI-M63991FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63992 MITSUBISHI-M63992 Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63992FP MITSUBISHI-M63992FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63993FP MITSUBISHI-M63993FP Datasheet
102Kb / 10P
   HIGH VOLTAGE 3PHASE BRIDGE DRIVER
More results

Similar Description - M63994P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63991FP MITSUBISHI-M63991FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104_15 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com