Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MAX2622 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2622
Description  Monolithic Voltage-Controlled Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2622 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2622_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX2622_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX2622_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX2622_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX2622_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX2622_V01 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Detailed Description
Oscillator
The MAX2622/MAX2623/MAX2624 VCOs are imple-
mented as an LC oscillator topology, integrating all of
the tank components on-chip. This fully monolithic
approach provides an extremely easy-to-use VCO,
equivalent to a VCO module. The frequency is con-
trolled by a voltage applied to the TUNE pin, which is
internally connected to the varactor. The VCO core
uses a differential topology to provide a stable frequen-
cy versus supply voltage and improve the immunity to
load variations. In addition, there is a buffer amplifier
following the oscillator core to provide added isolation
from load variations and to boost the output power.
Output Buffer
The oscillator signal from the core drives an output
buffer amplifier. The amplifier is constructed as a com-
mon-emitter stage with an integrated on-chip reactive
output match. No external DC blocking capacitor is
required, eliminating the need for any external compo-
nents. The output amplifier has its own VCC and GND
pins to minimize load-pulling effects. The amplifier
boosts the oscillator signal to a level suitable for driving
most RF mixers.
Applications Information
Tune Input
The tuning input is typically connected to the output of
the PLL loop filter. The loop filter is presumed to pro-
vide an appropriately low-impedance source. It may
incorporate an extra RC filter stage to reduce high-fre-
quency noise and spurious signals. Any excess noise
on the tuning input is directly translated into FM noise,
which can degrade the phase-noise performance of the
oscillator. Therefore, it is important to minimize the
noise introduced on the tuning input. A simple RC filter
with low corner frequency is needed during testing in
order to filter the noise present on the voltage source
driving the tuning line.
Layout Issues
Always use controlled impedance lines (microstrip,
coplanar waveguide, etc.) for high-frequency signals.
Always place decoupling capacitors as close to the
VCC pins as possible; for long VCC lines, it may be nec-
essary to add additional decoupling capacitors located
further from the device. Always provide a low-induc-
tance path to ground, and keep GND vias as close to
the device as possible. Thermal reliefs on GND pads
are not recommended.
Monolithic Voltage-Controlled Oscillators
4
_______________________________________________________________________________________
NAME
FUNCTION
1
N.C.
No Connection. Not internally connected.
2
TUNE
Oscillator Frequency Tuning Voltage Input. High-impedance input with a voltage input range of 0.4V
(low frequency) to 2.4V (high frequency) adjustment.
PIN
3
GND
Ground Connection for Oscillator and Biasing. Requires a low-inductance connection to the circuit board
ground plane.
4
SHDN
Shutdown Logic Input. A high-impedance input logic level low disables the device and reduces supply current
to 0.1µA. A logic level high enables the device.
8
GND
Ground Connection for Output Buffer. Requires a low-inductance connection to the circuit board
ground plane.
7
OUT
Buffered Oscillator Output
6
VCC
Bias and Oscillator DC Supply Voltage Connection. Bypass with a 220pF capacitor to GND for low noise
and low spurious content performance from the oscillator.
5
VCC
Output Buffer DC Supply Voltage Connection. Bypass with a 220pF capacitor to GND for best high-
frequency performance.
Pin Description


Similar Part No. - MAX2622_V01

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2622EVKIT MAXIM-MAX2622EVKIT Datasheet
178Kb / 2P
   2.7V to 5.5V Single-Supply Operation
Rev 1; 5/00
More results

Similar Description - MAX2622_V01

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2623 MAXIM-MAX2623 Datasheet
156Kb / 6P
   Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
MAX2750_V1 MAXIM-MAX2750_V1 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
Mini-Circuits
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
Texas Instruments
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC180SA SYNERGY-VFC180SA Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
CRO617SA SYNERGY-CRO617SA Datasheet
167Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
Texas Instruments
Texas Instruments
SN74LS624DG4 TI1-SN74LS624DG4 Datasheet
734Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
Mini-Circuits
Mini-Circuits
K-JTOS-3 MINI-K-JTOS-3 Datasheet
249Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com