Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MAX2622EUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2622EUA
Description  Monolithic Voltage-Controlled Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2622EUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2622EUA Datasheet HTML 1Page - Maxim Integrated Products MAX2622EUA Datasheet HTML 2Page - Maxim Integrated Products MAX2622EUA Datasheet HTML 3Page - Maxim Integrated Products MAX2622EUA Datasheet HTML 4Page - Maxim Integrated Products MAX2622EUA Datasheet HTML 5Page - Maxim Integrated Products MAX2622EUA Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The MAX2622/MAX2623/MAX2624 self-contained volt-
age-controlled oscillators (VCOs) combine an integrat-
ed oscillator and output buffer in a miniature 8-pin
µMAX package.
The inductor and varactor elements of the tank circuits
are integrated on-chip, greatly simplifying application of
the part. In addition, the center frequency of oscillation
and frequency span are factory preset to provide a
guaranteed frequency range versus control voltage. An
external tuning voltage controls the oscillation frequency.
The output signals are buffered by an amplifier stage
matched on-chip to 50
Ω.
The MAX2622/MAX2623/MAX2624 operate from a
+2.7V to +5.5V supply voltage and require only 8mA of
supply current. In shutdown mode, the supply current is
reduced to 0.1µA.
Applications
866MHz to 868MHz European ISM Band
(MAX2622)
DECT 1/2 Frequency LO (MAX2623)
902MHz to 928MHz ISM Band, ±10.7MHz IF
(MAX2623)
902MHz to 928MHz ISM Band, 45MHz to
70MHz IF (MAX2624)
Features
o Fully Monolithic
o Guaranteed Performance
o On-Chip 50Ω Output Match
o Wide Choice of Frequencies
855MHz to 881MHz (MAX2622)
885MHz to 950MHz (MAX2623)
947MHz to 998MHz (MAX2624)
o +2.7V to +5.5V Single-Supply Operation
o Low-Current Shutdown Mode
o Smaller than Modules (8-Pin µMAX Package)
Monolithic Voltage-Controlled Oscillators
________________________________________________________________ Maxim Integrated Products
1
19-1528; Rev 1; 5/00
PART
MAX2622EUA
MAX2623EUA
MAX2624EUA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 µMAX
8 µMAX
8 µMAX
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Ordering Information
OSCILLATOR
CORE
BIAS
TUNE
TUNE
N.C.
SHDN
GND
OUT
VCC
VCC
VCC
GND
SHDN
220pF
OUT TO MIXER/
SYNTHESIZER
220pF
MAX2622
MAX2623
MAX2624
Typical Operating Circuit
Pin Configuration appears at end of data sheet.
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX2622EUA

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2622EUA MAXIM-MAX2622EUA Datasheet
156Kb / 6P
   Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
More results

Similar Description - MAX2622EUA

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2623 MAXIM-MAX2623 Datasheet
156Kb / 6P
   Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
MAX2750_V1 MAXIM-MAX2750_V1 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
Mini-Circuits
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
Texas Instruments
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC180SA SYNERGY-VFC180SA Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
CRO617SA SYNERGY-CRO617SA Datasheet
167Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
Texas Instruments
Texas Instruments
SN74LS624DG4 TI1-SN74LS624DG4 Datasheet
734Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
Mini-Circuits
Mini-Circuits
K-JTOS-3 MINI-K-JTOS-3 Datasheet
249Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com