Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT23S08E-1HDC Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT23S08E-1HDC
Description  3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT23S08E-1HDC Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT23S08E-1HDC Datasheet HTML 1Page - Integrated Device Technology IDT23S08E-1HDC Datasheet HTML 2Page - Integrated Device Technology IDT23S08E-1HDC Datasheet HTML 3Page - Integrated Device Technology IDT23S08E-1HDC Datasheet HTML 4Page - Integrated Device Technology IDT23S08E-1HDC Datasheet HTML 5Page - Integrated Device Technology IDT23S08E-1HDC Datasheet HTML 6Page - Integrated Device Technology IDT23S08E-1HDC Datasheet HTML 7Page - Integrated Device Technology IDT23S08E-1HDC Datasheet HTML 8Page - Integrated Device Technology IDT23S08E-1HDC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S08E
3.3V ZERO DELAY CLOCK MULTIPLIER
FEBRUARY 2004
2004
Integrated Device Technology, Inc.
DSC 6499/5
c
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Phase-Lock Loop Clock Distribution for Applications ranging
from 10MHz to 200MHz operating frequency
• Distributes one clock input to two banks of four outputs
• Separate output enable for each output bank
• External feedback (FBK) pin is used to synchronize the outputs
to the clock input
• Output Skew <200 ps
• Low jitter <200 ps cycle-to-cycle
• 1x, 2x, 4x output options (see table):
– IDT23S08E-1 1x
– IDT23S08E-2 1x, 2x
– IDT23S08E-3 2x, 4x
– IDT23S08E-4 2x
– IDT23S08E-1H, -2H, and -5H for High Drive
• No external RC network required
• Operates at 3.3V VDD
• Spread spectrum compatible
• Available in SOIC and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The IDT23S08E is a high-speed phase-lock loop (PLL) clock multiplier. It
isdesignedtoaddresshigh-speedclockdistributionandmultiplicationapplica-
tions.Thezerodelayisachievedbyaligningthephasebetweentheincoming
clock and the output clock, operable within the range of 10 to 200MHz.
TheIDT23S08Ehastwobanksoffouroutputseachthatarecontrolledvia
twoselectaddresses.Byproperselectionofinputaddresses,bothbankscan
beputintri-statemode.Intestmode,thePLListurnedoff,andtheinputclock
directly drives the outputs for system testing purposes. In the absence of an
input clock, the IDT23S08E enters power down. In this mode, the device will
drawlessthan12µAforCommercialTemperaturerangeandlessthan25µA
forIndustrialtemperaturerange,andtheoutputsaretri-stated.
The IDT23S08E is available in six unique configurations for both pre-
scaling and multiplication of the Input REF Clock. (See available options
table.)
ThePLLisclosedexternallytoprovidemoreflexibilitybyallowingtheuser
tocontrolthedelaybetweentheinputclockandtheoutputs.
The IDT23S08E is characterized for both Industrial and Commercial
operation.
IDT23S08E
3.3V ZERO DELAY CLOCK
MULTIPLIER, SPREAD
SPECTRUM COMPATIBLE
PLL
S1
2
14
15
3
CLKA1
CLKA2
CLKA3
CLKA4
6
10
11
CLKB1
CLKB2
CLKB3
CLKB4
9
FBK
16
Control
Logic
7
8
1
REF
S2
(-2, -3)
(-3, -4)
(-5)
2
2
2


Similar Part No. - IDT23S08E-1HDC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results

Similar Description - IDT23S08E-1HDC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08 Datasheet
60Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com