Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71T016SA10PHI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT71T016SA10PHI
Description  2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71T016SA10PHI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT71T016SA10PHI Datasheet HTML 1Page - Integrated Device Technology IDT71T016SA10PHI Datasheet HTML 2Page - Integrated Device Technology IDT71T016SA10PHI Datasheet HTML 3Page - Integrated Device Technology IDT71T016SA10PHI Datasheet HTML 4Page - Integrated Device Technology IDT71T016SA10PHI Datasheet HTML 5Page - Integrated Device Technology IDT71T016SA10PHI Datasheet HTML 6Page - Integrated Device Technology IDT71T016SA10PHI Datasheet HTML 7Page - Integrated Device Technology IDT71T016SA10PHI Datasheet HTML 8Page - Integrated Device Technology IDT71T016SA10PHI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6.42
5
IDT71T016SA, 2.5V CMOS Static RAM
1 Meg (64K x 16-Bit)
Commercial and Industrial Temperature Ranges
71T016SA10(2)
71T016SA12
71T016SA15
71T016SA20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
10
____
12
____
15
____
20
____
ns
tAA
Address Access Time
____
10
____
12
____
15
____
20
ns
tACS
Chip Select Access Time
____
10
____
12
____
15
____
20
ns
tCLZ(1)
Chip Select Lo w to Output in Low-Z
4
____
4
____
5
____
5
____
ns
tCHZ(1)
Chip Select Hig h to Output in High-Z
____
5
____
6
____
6
____
8ns
tOE
Output Enable Low to Output Valid
____
5
____
6
____
7
____
8ns
tOLZ(1)
Output Enable Lo w to Output in Low-Z
0
____
0
____
0
____
0
____
ns
tOHZ(1)
Output Enable Hig h to Output in High-Z
____
5
____
6
____
6
____
8ns
tOH
Output Hold from Address Change
4
4
4
4
ns
tBE
Byte Enable Low to Output Valid
5
6
7
____
8ns
tBLZ(1)
Byte Enable Lo w to Output in Low-Z
0
____
0
____
0
____
0
____
ns
tBHZ(1)
Byte Enable Hig h to Output in High-Z
____
5
____
6
____
6
____
8ns
WRITE CYCLE
tWC
Write Cycle Time
10
____
12
____
15
____
20
____
ns
tAW
Address Valid to End of Write
7
____
8
____
10
____
12
____
ns
tCW
Chip Select Low to End of Write
7
____
8
____
10
____
12
____
ns
tBW
Byte Enable Low to End of Write
7
____
8
____
10
____
12
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
0
____
ns
tWR
Address Ho ld from End of Write
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
7
____
8
____
10
____
12
____
ns
tDW
Data Valid to End of Write
5
____
6
____
7
____
9
____
ns
tDH
Data Hold Time
0
____
0
____
0
____
0
____
ns
tOW
(1)
Write Enable Hig h to Output in Low-Z
3
____
3
____
3
____
3
____
ns
tWHZ(1)
Write Enable Lo w to Output in High-Z
____
5
____
6
____
6
____
8ns
5326 tbl 10
Timing Waveform of Read Cycle No. 1(1,2,3)
NOTES:
1.
WE is HIGH for Read Cycle.
2. Device is continuously selected,
CS isLOW.
3.
OE, BHE, and BLE are LOW.
AC Electrical Characteristics (VDD = Min. to Max., Commercial and Industrial Temperature Ranges)
NOTES:
1. This parameter is guaranteed with the AC Load (Figure 2) by device characterization, but is not production tested.
2. 00C to +700C temperature range only.
DATAOUT
ADDRESS
5326 drw 06
tRC
tAA
tOH
tOH
DATAOUT VALID
PREVIOUS DATAOUT VALID


Similar Part No. - IDT71T016SA10PHI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T016 IDT-IDT71T016 Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L150PH IDT-IDT71T016L150PH Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L150PHI IDT-IDT71T016L150PHI Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L200PH IDT-IDT71T016L200PH Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L200PHI IDT-IDT71T016L200PHI Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
More results

Similar Description - IDT71T016SA10PHI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com