Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCF8402 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TPCF8402
Description  TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8402 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TPCF8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 9Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 10Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TPCF8402
2003-08-18
10
N-ch
rth – tw
Pulse width
tw (s)
1
0.001
10
100
1000
0.01
0.1
1
10
100
1000
Device mounted on a glass-epoxy board (a) (Note 2a)
(1)Single-device operation (Note 3a)
(2)Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3)Single-device operation (Note 3a)
(4)Single-device value at dual operation (Note 3b)
(4)
(3)
(2)
(1)
Single Pulse
Drain-source voltage VDS (V)
Safe operating area
10
0.1
100
10
1
100
* Single pulse
Ta
= 25°C
Curves must be derated linearly with
increase in temperature.
ID max (Pulsed) *
10 ms *
1 ms *
VDSS
max
1
0.1


Similar Part No. - TPCF8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8402 TOSHIBA-TPCF8402 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
319Kb / 11P
   Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
TPCF8402 TOSHIBA-TPCF8402 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402_0912 TOSHIBA-TPCF8402_0912 Datasheet
319Kb / 11P
   Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
More results

Similar Description - TPCF8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8302 TOSHIBA-TPCF8302 Datasheet
273Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8304 TOSHIBA-TPCF8304 Datasheet
260Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS IV)
TPC8111 TOSHIBA-TPC8111 Datasheet
399Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303_07 Datasheet
230Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com