Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS70Q Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS70Q
Description  Filter specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS70Q Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS70Q Datasheet HTML 1Page - Vectron International, Inc TFS70Q Datasheet HTML 2Page - Vectron International, Inc TFS70Q Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
tfs70Q.doc
Version 1.0
06.01.02
__________________________________________________________________________________
VI TELEFILTER
Filter specification
TFS 70 Q 1/3
__________________________________________________________________________________
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
1. Measurement condition
Ambient temperature TA:
23 °C
Input power level:
0 dBm (typ.)
Max 10 dBm.
Terminating impedances at fc: for input:
50
 0 pF.
for output:
50
 0 pF.
Package, pin connection and 50
Ω matching network
see page 2
2. Characteristics
Remark:
Reference level for the relative attenuation arel of the TFD 70 Q is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper and lower frequencies at
the 20 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the reference
frequency fc and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the operating temperature
range is not included in the production tolerance scheme.
Data
typ. value
tolerance / limit
____________________________________________________________________________________________________________________________________________________________________________________________________________
Insertion loss (Reference level)
ae
20
dB
max 22
dB
____________________________________________________________________________________________________________________________________________________________________________________________________________
Reference frequency fc at ambient temperature (fCAT)
70,00
MHz
70,0±0,3
MHz
____________________________________________________________________________________________________________________________________________________________________________________________________________
1 dB - band width
11,96
MHz
3 dB - band width
13,67
MHz
20 dB - band width
18,00
MHz
40 dB - band width
20,15
MHz
____________________________________________________________________________________________________________________________________________________________________________________________________________
Amplitude ripple (p-p):
fc ... fc ± 5,6 MHz
0,2
dB
max 1,0
dB
____________________________________________________________________________________________________________________________________________________________________________________________________________
Relative attenuation
arel
fc
fc ± 5,6
MHz
-
max 1
dB
fc ± 5,6
MHz
fc ± 6,5
MHz
-
max 3
dB
fc - 30
MHz
fc - 11
MHz
55
dB
min 40
dB
fc + 11
MHz
fc + 30
MHz
50
dB
min 40
dB
fc - 70
MHz
fc - 30
MHz
60
dB
-
fc + 30
MHz
fc + 70
MHz
45
dB
-
____________________________________________________________________________________________________________________________________________________________________________________________________________
Group delay
720
ns
max 1,5
µs
____________________________________________________________________________________________________________________________________________________________________________________________________________
Group delay ripple (p-p):
fc ... fc ± 7,5 MHz
± 15
ns
± max 20
ns
____________________________________________________________________________________________________________________________________________________________________________________________________________
Deviation from linear phase (p-p): fc ... fc ± 7,5 MHz
2,3°
____________________________________________________________________________________________________________________________________________________________________________________________________________
Triple transit attenuation compared to main signal
50
dB
____________________________________________________________________________________________________________________________________________________________________________________________________________
Input/Output return loss with matching network (S11/S22):
1,5/1,5
dB
____________________________________________________________________________________________________________________________________________________________________________________________________________
Crosstalk
56
dB
_________________________________________________________________________________________________________________________________________________________________________________________________________
Temperature coefficient of frequency ( Tcf )
-72
ppm/K
____________________________________________________________________________________________________________________________________________________________________________________________________________
Frequency deviation of fc over temperature
∆fc(Hz) = Tcf(ppm/K) x (T - TA) x fCAT (MHz)
Operating temperature range
- 25 °C ... + 80 °C
Storage temperature range
- 40 °C ... + 85 °C
____________________________________________________________________________________________________________________________________________________________________________________________________________
Generated:
Checked/Approved:


Similar Part No. - TFS70Q

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS704A VECTRON-TFS704A Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS706 VECTRON-TFS706 Datasheet
232Kb / 5P
   Filter specification
TFS707 VECTRON-TFS707 Datasheet
213Kb / 5P
   Vectron International
TFS70AA VECTRON-TFS70AA Datasheet
95Kb / 5P
   Filter specification
TFS70AC VECTRON-TFS70AC Datasheet
135Kb / 5P
   Filter Specification
More results

Similar Description - TFS70Q

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com