Selected language     English  ā–¼


TDA4916GG Datasheet(PDF) 9 Page - Infineon Technologies AG

Part No. TDA4916GG
Description  PWM-FF IC, SMPS IC with MOSFET Driver Output
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 9 page
background image
TDA 4916 GG
Version 2.0
9
1 May 1996
Operational Amplifier OP
Opamp OP is a high-quality operational amplifier. It can be used in the control circuit to
transfer the variations in the voltage to be regulated in amplified form to the free plus
input of comparator K1. As a result, a voltage change is converted into a duty factor
change. The output of OP is an open collector. The frequency response of OP is already
corrected. The plus input is connected internally via a capacitor to ground. This gives the
inverting amplifier a more favorable phase response.
Turn-OFF Flip-Flop AFF
A pulse is fed to the set input of the turn-OFF Flip-Flop with the falling edge of the
frequency generator signal. However, it can only really be set if no reset signal is applied.
With a set turn-OFF Flip-Flop, the output is enabled and can be active. The Flip-Flop
inhibits the output in the event of a turn-OFF signal from K1, K5, K6 or K7.
Fault Flip-Flop
Fault signals fed to the reset input of the fault Flip-Flop cause the output to be
immediately disabled (Low), and to be turned on again via the soft start
C
SS after
removing fault-condition.
Soft Start
C
SS
The smaller of the two voltages at the plus inputs of K1 - compared with the ramp
generator voltage - is a measure of the duty factor at the output. At the instant the device
is turned-ON, the voltage on capacitor
C
SS equals zero. Provided no fault exists, the
capacitor is charged up to its maximum value.
C
SS is discharged in the event of a fault. However, the fault Flip-Flop inhibits the output
immediately. Below a charging voltage of approx. 1.5 V, a set signal is applied to the fault
Flip-Flop and the output is enabled, provided a reset signal is not applied
simultaneously. However, since the minimum ramp generator voltage is about 1.8 V, the
duty factor at the output is not actually slowly and continuously increased until the
voltage on
C
SS exceeds a value of 1.8 V.
The Z-diode limits the voltage on capacitor
C
SS. The voltage at the ramp generator can
reach a higher level than the Zener voltage. With a suitable ramp generator rising edge
slope, the duty factor can be limited to a wanted maximum value.
Pulse Omission PO
In the event of overcurrent in the SIPMOS transistors it is frequently necessary to omit
pulses even with minimum duty factor. Only this measure ensures that the SIPMOS
transistors cannot be overloaded. This wanted function can be achieved with Pulse
Omission PO and Overcurrent Comparator K7 by means of a suitable external circuit.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADP3120Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
NCP3418Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreON Semiconductor
TDA4916GGSMPS-IC with MOSFET Driver Output 1 2 3 4 5 MoreSiemens Semiconductor Group
ADP3413Dual Bootstrapped MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3418Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3419Dual Bootstrapped High Voltage MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
TDA4918GSMPS - IC with SIPMOS Driver Output 1 2 3 4 5 MoreSiemens Semiconductor Group
SN74AUC1G07SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT 1 2 3 4 5 MoreTexas Instruments
UPD16662240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM 1 2 3 4 5 MoreNEC
NB100LVEP2242.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl