Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS86A1 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS86A1
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS86A1 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS86A1 Datasheet HTML 1Page - Vectron International, Inc TFS86A1 Datasheet HTML 2Page - Vectron International, Inc TFS86A1 Datasheet HTML 3Page - Vectron International, Inc TFS86A1 Datasheet HTML 4Page - Vectron International, Inc TFS86A1 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tfs86A1.doc
version 1.2
02.02.2001
VI TELEFILTER
Filter Specification
TFS 86 A1
-
1/5
VI TELEFILTER
Vectron Technologies, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedances
for input:
850
Ω II - 2 pF
for output:
850
Ω II - 2 pF
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 86 A1 is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3
dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 86,85 MHz without tolerance. The given values for
the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fc is shifted
due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
D a t a
typ. value
tolerance / limit
Insertion loss
ae = amin
-max
4
dB
(Reference level)
Nominal frequency
fN
-
86,85
MHz
Pass band ripple
fN ±
13 kHz
-
max.
1,5
dB
Relative attenuation
arel
fN ±
15 kHz
-
max.
3
dB
fN - 1000 kHz ... fN - 940 kHz
-
min.
50
dB
fN - 940 kHz ... fN - 880 kHz
-
min.
70
dB
fN - 880 kHz ... fN - 400 kHz
-
min.
50
dB
fN - 400 kHz ... fN - 120 kHz
-
min.
40
dB
fN - 120 kHz ... fN -60 kHz
-
min.20
dB
fN + 60 kHz ... fN + 120 kHz
-
min.
20
dB
fN + 120 kHz ... fN + 150 kHz
-
min.
40
dB
fN + 150 kHz ... fN + 400 kHz
-
min.
30
dB
fN + 400 kHz ... fN + 880 kHz
-
min.
40
dB
fN + 880 kHz ... fN + 940 kHz
-
min.
60
dB
fN + 940 kHz ... fN +1000 kHz
-
min.
40
dB
Group delay distortion
GDD
fN ±11 kHz
-
max.
10
µs
Permissible DC voltage
VDC
-max.
10
V
Operating temperature range
- 20 °C ... + 70 °C
Storage temperature range
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TC
ca. - 0,036
ppm/K²
Frequency inversion temperature
+ 20 °C ... + 30 °C
Generated:
Checked / approved:


Similar Part No. - TFS86A1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS86A VECTRON-TFS86A Datasheet
50Kb / 4P
   Filter Specification
More results

Similar Description - TFS86A1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com