Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS86C Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS86C
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS86C Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS86C Datasheet HTML 1Page - Vectron International, Inc TFS86C Datasheet HTML 2Page - Vectron International, Inc TFS86C Datasheet HTML 3Page - Vectron International, Inc TFS86C Datasheet HTML 4Page - Vectron International, Inc TFS86C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs86c.doc
version 1.4
21.01.2002
VI TELEFILTER
Filter Specification
TFS 86 C
1/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Measurement condition
Ambient temperature:
23
°
Input power level:
0 dBm
Terminating impedance:
*)
Input:
825
Ω II –1,75 pF
Output:
825
Ω II –1,75 pF
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 86 C is the minimum of the pass band attenuation amin. The minimum of the pass
band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies
at the 3dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 86,46 MHz without any tolerance. The given
values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below even if the centre
frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance
for the centre frequency fc.
D a t a
typ. value
tolerance / limit
Insertion loss
ae = amin
3,7
dB
max.
5
dB
(Reference level)
Nominal frequency
fN
-
86,46
MHz
Centre frequency
fc
86,463 MHz
-
Pass band ripple
fN ±
13 kHz
0,7
dB
max.
2,0
dB
Relative attenuation
arel
fN ±
14 kHz
0,9
dB
max.
3
dB
fN - 1000 kHz ... fN - 880 kHz
64
dB
min.
50
dB
fN - 880 kHz ... fN - 120 kHz
51 - 60 dB
min.
40
dB
fN - 120 kHz ... fN -
60 kHz
24
dB
min.
20
dB
fN +
60 kHz ... fN + 120 kHz
24
dB
min.
20
dB
fN + 120 kHz ... fN + 1000 kHz
45 - 60 dB
min.
40
dB
Group delay distortion
GDD
fN ±
11 kHz
3,8
µs
max.
10
µs
Intermodulation
**)
-
max. - 80
dBm
Operating temperature range
- 20 °C ... + 70 °C
Storage temperature range
- 40 °C ... + 85 °C
Temperature coefficient of frequency
***) Tcf
- 0,036 ppm/K²
Frequency inversion temperature T0
25
°C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) Intermodulation in the composite signal by fN ± 60 kHz and fN ± 120 kHz each of -20 dBm
***)
∆fc(Hz) = Tcf(ppm/K) x (T - To)² x fTo (MHz)
Generated:
Checked / approved:
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS86C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS86 VECTRON-TFS86 Datasheet
59Kb / 4P
   Filter Specification
TFS864 VECTRON-TFS864 Datasheet
176Kb / 5P
   Filter specification
TFS867A VECTRON-TFS867A Datasheet
228Kb / 5P
   Filter specification
TFS868 VECTRON-TFS868 Datasheet
47Kb / 8P
   Development specification
TFS868 VECTRON-TFS868 Datasheet
223Kb / 5P
   Filter specification
More results

Similar Description - TFS86C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com