Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ZFSCJ-2-232-S Datasheet(PDF) 1 Page - Mini-Circuits

Part No. ZFSCJ-2-232-S
Description  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFSCJ-2-232-S Datasheet(HTML) 1 Page - Mini-Circuits

  ZFSCJ-2-232-S Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
ZFSCJ-2-232-S+
2 Way-180°
50Ω
5 to 2300 MHz
Power Splitter/Combiner
Coaxial
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
0.25W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
Electrical Schematic
REV. A
M175652
ZFSCJ-2-232-S+
WZ/CP/AM
190801
A
B
C
D
E
F
G
H
1.25
1.25
.75
.63
.38
1.00
.125 1.000
31.75
31.75
19.05
16.00
9.65
25.40
3.18 25.40
J
K
L
M
N
P
Q
wt
--
--
.125
1.688
2.18
.75
.07 grams
--
--
3.18
42.88
55.37
19.05
1.78
70.0
Coaxial Connections
SUM PORT
3
PORT 1
1
PORT 2
2
Connectors Model
SMA
ZFSCJ-2-232-S+
BRACKET (OPTION"B")
3.0
4.0
5.0
6.0
7.0
8.0
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
ZFSCJ-2-232-S+
TOTAL LOSS
S-1(dB)
S-2(dB)
176
178
180
182
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
ZFSCJ-2-232-S+
PHASE UNBALANCE
1.0
1.4
1.8
2.2
2.6
3.0
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
ZFSCJ-2-232-S+
VSWR
#S-VSWR
#1-VSWR
#2-VSWR
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
5.00
4.28
4.30
0.02
3.86
179.70
1.61
1.71
1.71
50.00
4.26
4.27
0.01
3.91
179.92
1.63
1.74
1.74
100.00
4.29
4.30
0.01
4.02
179.80
1.62
1.76
1.76
500.00
4.05
4.11
0.06
5.45
179.92
1.31
2.11
2.09
800.00
4.09
4.09
0.00
6.12
179.49
1.22
2.28
2.23
1000.00
4.34
4.29
0.05
5.70
178.94
1.46
2.20
2.14
1200.00
4.62
4.56
0.06
5.09
178.35
1.71
2.05
1.98
1400.00
4.81
4.78
0.03
4.73
177.86
1.84
1.93
1.85
1600.00
4.85
4.89
0.04
4.81
177.50
1.77
1.94
1.84
1800.00
4.82
4.95
0.13
5.19
177.43
1.52
2.05
1.93
2000.00
4.93
5.15
0.22
5.29
177.60
1.27
2.11
1.99
2100.00
5.09
5.36
0.27
5.04
177.68
1.28
2.06
1.95
2200.00
5.34
5.64
0.30
4.61
177.85
1.40
1.95
1.85
2300.00
5.64
6.00
0.36
4.14
178.01
1.59
1.81
1.72
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 3dB splitter loss.
Features
• wide band frequency, 5-2300 MHz
• usable up to 3000 MHz
• good phase unbalance, 180±3°typ.
• excellent amplitude unbalance, 0.3 dB typ.
• rugged shielded case
Applications
• VHF/UHF
• cellular
• signal processing
• PCS
• GPS
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency
5
2300
MHz
Insertion Loss (above theoretical 3.0 dB)
5-2300
1.9
3.8
dB
Isolation
5-2300
4
dB
Phase Unbalance
5-2300
3
6
Degree
Amplitude Unbalance
5-2300
0.2
0.6
dB
VSWR (Port S)
5-2300
1.7
:1
VSWR (Port 1-2)
5-2300
1.9
:1
CASE STYLE: K18
Generic photo used for illustration purposes only


Similar Part No. - ZFSCJ-2-232-S

ManufacturerPart No.DatasheetDescription
Mini-Circuits
Mini-Circuits
ZFSCJ-2-2 MINI-ZFSCJ-2-2 Datasheet
90Kb / 2P
   POWER SPLITTERS/COMBINERS
ZFSCJ-2-2L MINI-ZFSCJ-2-2L Datasheet
90Kb / 2P
   POWER SPLITTERS/COMBINERS
ZFSCJ-2-2M MINI-ZFSCJ-2-2M Datasheet
90Kb / 2P
   POWER SPLITTERS/COMBINERS
ZFSCJ-2-2U MINI-ZFSCJ-2-2U Datasheet
90Kb / 2P
   POWER SPLITTERS/COMBINERS
More results

Similar Description - ZFSCJ-2-232-S

ManufacturerPart No.DatasheetDescription
Mini-Circuits
Mini-Circuits
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
   Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
   Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
   Power Splitter/Combiner
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
   Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
   Power Splitter/Combiner
ZAPD-2DC++ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
   Power Splitter/Combiner
ZB8PD-362 MINI-ZB8PD-362 Datasheet
272Kb / 1P
   Power Splitter/Combiner
ZB8PD-622 MINI-ZB8PD-622 Datasheet
249Kb / 1P
   Power Splitter/Combiner
ZB16PD-272-75F MINI-ZB16PD-272-75F Datasheet
359Kb / 1P
   Power Splitter/Combiner
ZBSC-611 MINI-ZBSC-611 Datasheet
222Kb / 1P
   Power Splitter/Combiner
ZC4PD-900 MINI-ZC4PD-900 Datasheet
253Kb / 1P
   Power Splitter/Combiner
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz