Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS770 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TFS770
Description  Development Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS770 Datasheet(HTML) 4 Page - Vectron International, Inc

  TFS770 Datasheet HTML 1Page - Vectron International, Inc TFS770 Datasheet HTML 2Page - Vectron International, Inc TFS770 Datasheet HTML 3Page - Vectron International, Inc TFS770 Datasheet HTML 4Page - Vectron International, Inc TFS770 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
File name : TFS770.doc
version 1.1
13.10.2003
VI TELEFILTER
Development Specification
TFS 770
4/5
Tele Filter GmbH
Potsdamer Stra
ße 18
D-14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Air reflow temperature conditions
1st and 2nd air reflow profile
Name:
pre-heating periods main-heating periods
peak temperature
Temperature:
150
°C - 170 °C
over 200
°C
255
°C ± 5 °C
Time:
60 sec. - 90 sec.
20 sec. - 25 sec.
Chip-mount air reflow profile
time / sec.
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
20
40
60
80
100
120
140
160
180
200
220
240
Table for temperature vs. time during the air reflow process
Tolerance of temperatures:
± 5 °C
time / sec.
temperature /
°C
time / sec.
temperature /
°C
0
23
140
160
10
34
150
161
20
46
160
164
30
60
170
170
40
80
180
180
50
103
190
205
60
121
195
230
70
134
200
255
80
143
205
230
90
150
210
205
100
154
215
180
110
156
220
165
120
158
230
140
130
159
240
120


Similar Part No. - TFS770

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TFS7701 POWERINT-TFS7701 Datasheet
3Mb / 42P
   Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
April 2015
TFS7701H POWERINT-TFS7701H Datasheet
3Mb / 42P
   Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
April 2015
TFS7702H POWERINT-TFS7702H Datasheet
3Mb / 42P
   Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
April 2015
TFS7703H POWERINT-TFS7703H Datasheet
3Mb / 42P
   Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
April 2015
TFS7704H POWERINT-TFS7704H Datasheet
3Mb / 42P
   Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
April 2015
More results

Similar Description - TFS770

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS183B ETC-TFS183B Datasheet
92Kb / 5P
   Development specification
logo
Vectron International, ...
TFS1842A VECTRON-TFS1842A Datasheet
74Kb / 5P
   Development specification
TFS915H VECTRON-TFS915H Datasheet
122Kb / 5P
   Development specification
TFS810 VECTRON-TFS810 Datasheet
76Kb / 5P
   Development Specification
logo
Advanced Analogic Techn...
TFS942 ANALOGICTECH-TFS942 Datasheet
103Kb / 5P
   Development Specification
logo
Vectron International, ...
TFS1150A VECTRON-TFS1150A Datasheet
144Kb / 5P
   Development specification
TFS380H VECTRON-TFS380H Datasheet
70Kb / 5P
   Development specification
TFS150L VECTRON-TFS150L Datasheet
178Kb / 5P
   Development specification
TFS183A VECTRON-TFS183A Datasheet
76Kb / 5P
   Development specification
TFS915 VECTRON-TFS915 Datasheet
129Kb / 5P
   Development specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com