Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64285FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M64285FP
Description  CMOS Image Sensor(Image inputting systems for gaming devices, Toys, PC interface systems)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64285FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M64285FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M64285FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MITSUBISHI
02 / 05 / 01
Ver. 2.2E_01
MITSUBISHI CMOS Image Sensor
M64285FP
PRELIMINARY
Technical Data Sheet
( 8 / 26 )
Specifications and information herein are subject to change without notice.
11.2. Register Allocation
No.
Address
3
2
1
0
Contents
Reset State
cf.
0
0000
MD3
MD2
MD1
MD0
Image capture mode
0000
Sec. 11.3
1
0001
0
0
0
0
-
0000
-
2
0010
0
0
0
STOP
Interrupt setting
0000
Below
3
0011
DR3
DR2
DR1
DR0
Data rate
0000
Sec. 11.4
4
0100
C03
C02
C01
C00
Accumulation time
1000
Sec. 11.5
5
0101
C07
C06
C05
C04
Accumulation time
0111
Sec. 11.5
6
0110
C11
C10
C09
C08
Accumulation time
0000
Sec. 11.5
7
0111
C15
C14
C13
C12
Accumulation time
0000
Sec. 11.5
8
1000
GAIN3
GAIN2
GAIN1
GAIN0
Gain
0000
Sec. 11.6
9
1001
0
0
OFST4
GAIN4
MSB setting
0000
-
10
1010
0
0
VREF1
VREF0
Black level output
0001
Sec. 11.7
11
1011
OFST3
OFST2
OFST1
OFST0
Offset subtraction
0000
Sec. 11.8
12
1100
0
0
BSTRB
STINV
STRB state
0000
Below
13
1101
0
0
1
0
-
0010
-
14
1110
0
0
STDBY
POWSV
Power save mode
0000
Below
15
1111
1
1
1
0
-
1110
-
Registers
Description
0
1
Reset state
STOP
Stop the continuous image capture sequence
Ordinary
Stop sequence
0
BSTRB
STRB for optical black level output timing
OFF
ON
0
STINV
Invert the STRB signal
Not inverted
Inverted
0
POWSV
Power Save ( AMP current to be 1/10)
OFF
ON
1
STDBY
Standby Mode (AMP current to be cut)
OFF
ON
0
Description of the bits of Interrupt setting, STRB state and Power save mode.
STOP bit forces the chip into Standby state from the continuous image capture state.
When "STOP = 1" is set, image capture sequence stops and the chip falls into the
Standby state, with preserving the register contents.
Afterwards, STOP bit is
automatically reset to "0". This bit is allowed to be set in the continuous output modes.
M64285FP can output the inverted STRB signal. If needed, set STINV to "1", else,
set it to "0". M64285FP outputs the optical black level before outputting the image data.
BSTRB selects whether to output the STRB pulse at the optical black level output
timing. If needed to be ON, set BSTRB to "1", else, set it to "0".
POWSV selects the Power Save state, in which power consumption is suppressed by
reducing the AMP current to be 1/10 while the chip is not outputting the analog data
(ex.: just after RESET, or in the accumulation period). The default state for POWSV is
1 (ON). Besides, if the STDBY bit is 1, power consumption is further suppressed by
completely cutting the AMP current while the chip is in the Standby or Halt state.


Similar Part No. - M64285FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64285K MITSUBISHI-M64285K Datasheet
321Kb / 26P
   CMOS Image Sensor(Image inputting systems for gaming devices, interface systems, security, surveillance,)
More results

Similar Description - M64285FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64285K MITSUBISHI-M64285K Datasheet
321Kb / 26P
   CMOS Image Sensor(Image inputting systems for gaming devices, interface systems, security, surveillance,)
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
   Image Signal Processor for Hyundai CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
logo
List of Unclassifed Man...
HV7131RP ETC-HV7131RP Datasheet
1Mb / 79P
   CMOS Image Sensor with Image Signal Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com