Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXZ308N120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXZ308N120
Description  Z-MOS RF Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZ308N120 Datasheet(HTML) 1 Page - IXYS Corporation

  IXZ308N120 Datasheet HTML 1Page - IXYS Corporation IXZ308N120 Datasheet HTML 2Page - IXYS Corporation IXZ308N120 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IXZ308N120
Z-MOS RF Power MOSFET
VDSS
=
1200 V
ID25
=
8.0 A
RDS(on)
=
2.1
PDC
=
880 W
Symbol
Test Conditions
Maximum Rat-
ings
VDSS
TJ = 25°C to 150°C
1200
V
VDGR
TJ = 25°C to 150°C; RGS = 1 MΩ
1200
V
VGS
Continuous
±20
V
VGSM
Transient
±30
V
ID25
Tc = 25°C
8
A
IDM
Tc = 25°C, pulse width limited by TJM
40
A
IAR
Tc = 25°C
8
A
EAR
Tc = 25°C
TBD
mJ
dv/dt
IS ≤ IDM, di/dt ≤ 100A/µs, VDD ≤ VDSS,
Tj ≤ 150°C, RG = 0.2Ω
5 V/ns
IS = 0
>200 V/ns
PDC
880
W
PDHS
Tc = 25°C, Derate 4.4W/°C above 25°C
440
W
PDAMB
Tc = 25°C
3.0
W
RthJC
0.17 C/W
RthJHS
0.34 C/W
min.
typ.
max.
VDSS
VGS = 0 V, ID = 4 ma
1200
V
VGS(th)
VDS = VGS, ID = 250µΑ
3.5
6.5
V
IGSS
VGS = ±20 VDC, VDS = 0
±100
nA
RDS(on)
VGS = 20 V, ID = 0.5ID25
Pulse test, t
≤ 300µS, duty cycle d ≤ 2%
2.1
gfs
VDS = 50 V, ID = 0.5ID25, pulse test
10.1
S
TJ
-55
+175
°C
TJM
175
°C
Tstg
-55
+ 175
°C
TL
1.6mm(0.063 in) from case for 10 s
300
°C
Weight
3.5
g
IDSS
VDS = 0.8VDSS
TJ = 25C
VGS=0
TJ =125C
50
1
µA
mA
Features
Isolated Substrate
high isolation voltage (>2500V)
excellent thermal transfer
Increased temperature and power
cycling capability
IXYS advanced Z-MOS process
Low gate charge and capacitances
easier to drive
faster switching
Low RDS(on)
Very low insertion inductance (<2nH)
No beryllium oxide (BeO) or other
hazardous materials
Advantages
Optimized for RF and high speed
Easy to mount—no insulators needed
High power density
N-Channel Enhancement Mode Linear 175MHz RF MOSFET
Lo Capacitance Z-MOSTM MOSFET Process
Optimized for Linear Operation
Ideal for Class AB & C, Broadcast & Communications Applications
DRAIN
SG1
SG2
GATE
SD1
SD2
N-Channel Enhancement Mode Switch Mode RF MOSFET
Low Capacitance Z-MOSTM MOSFET Process
Optimized for RF Operation
Ideal for Class C, D, & E Applications


Similar Part No. - IXZ308N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXZ316N60 IXYS-IXZ316N60 Datasheet
142Kb / 4P
   Z-MOS RF Power MOSFET
IXZ318N50 IXYS-IXZ318N50 Datasheet
143Kb / 4P
   Z-MOS RF Power MOSFET
IXZ318N50 IXYS-IXZ318N50 Datasheet
803Kb / 7P
   IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
More results

Similar Description - IXZ308N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXZ318N50 IXYS-IXZ318N50 Datasheet
143Kb / 4P
   Z-MOS RF Power MOSFET
IXZR08N120 IXYS-IXZR08N120 Datasheet
165Kb / 4P
   Z-MOS RF Power MOSFET
IXZR18N50 IXYS-IXZR18N50 Datasheet
166Kb / 4P
   Z-MOS RF Power MOSFET
IXZR16N60 IXYS-IXZR16N60 Datasheet
169Kb / 4P
   Z-MOS RF Power MOSFET
IXZ316N60 IXYS-IXZ316N60 Datasheet
142Kb / 4P
   Z-MOS RF Power MOSFET
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
   RF POWER MOS FET
RD15HVF1 MITSUBISHI-RD15HVF1_08 Datasheet
408Kb / 9P
   RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
RD16HHF1 MITSUBISHI-RD16HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
RD06HVF1 MITSUBISHI-RD06HVF1_08 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com