Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64285K Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M64285K
Description  CMOS Image Sensor(Image inputting systems for gaming devices, interface systems, security, surveillance,)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64285K Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M64285K Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MITSUBISHI
02 / 05 / 01
Ver. 1.1E_01
MITSUBISHI CMOS Image Sensor
M64285K
PRELIMINARY
Technical Data Sheet
( 4 / 26 )
Specifications and information herein are subject to change without notice.
7. Recommended Operating Conditions
Symbols
Items
Min.
Typ.
Max.
Units
Topt
Operating ambient temperature
0
25
45
°C
DVDD
Power supply
4.5
5
5.5
V
AVDD1
Power supply
4.5
5
5.5
V
AVDD2
Power supply
4.5
5
5.5
V
"H" Digital input voltage *
0.8 DVDD
DVDD
V
"L" Digital input voltage *
0
0.6
V
System clock
0.5
2
MHz
Register input clock
0.5
2
MHz
Faceplate Illumination **
0.5
500
lx
VIH
VIL
f clk
f sclk
8. DC Electrical Characteristics
Symbols
Items
Conditions
Min.
Typ.
Max.
Units
"H" digital output voltage *
IOH = -2 mA
4.5
5
V
"L" digital output voltage *
IOL = +2 mA
0
0.5
V
Analog output current capability **
-200
200
µA
Analog output resistance **
Iout = ±200 µA
75
Digital circuit current **
0.6
mA
Analog circuit currents
2D image (peak)
4
mA
( Accum. time = 10 ms )
2D image (ave.)
1.7
mA
( Power Save = on )
Proj. image (peak)
4
mA
Proj. image (ave.)
0.9
mA
* Digital output terminal: STRB
** Analog output terminal: VOUT
Symbols
Items
Conditions
Min.
Typ.
Max.
Units
Range of accumulation time
Clk = 2 MHz
16 µ
1
sec
Range of data rate
Clk = 2 MHz
2
32
µs / pixel
Read out time ( 2D image )
Clk = 2 MHz
2.74
34.4
ms
Read out time ( proj. image )
Clk = 2 MHz
0.26
2.18
ms
Black level output setting
1
2
V
S
Sensitivity *
Gain = 0 dB
20
V / lx • s
Vsat
Saturation output voltage
Gain = 0 dB
2000
mV
Vo
Average standard output
Gain = 0 dB
1000
mV
Vdrk
Dark signal
Gain = 0 dB
0.1
V / s
9. Electrical and Optical Characteristics
( VDD = 5.0V, Ta = 25 °C )
VOH
VOL
I out
RO
DIDD
AIDD
* Digital input terminals : START, SIN, SCLK, RESET, LOAD, and CLK
** Light source: Uniform light from a 2856 ± 150 K halogen light valve without IR cut filter.
* Light source: Uniform light from a 2856 ± 150 K halogen light valve without IR cut filter.
( VDD = 5.0V, Ta = 25 °C )


Similar Part No. - M64285K

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64285FP MITSUBISHI-M64285FP Datasheet
322Kb / 26P
   CMOS Image Sensor(Image inputting systems for gaming devices, Toys, PC interface systems)
More results

Similar Description - M64285K

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64285FP MITSUBISHI-M64285FP Datasheet
322Kb / 26P
   CMOS Image Sensor(Image inputting systems for gaming devices, Toys, PC interface systems)
logo
Transcend Information. ...
TS128GUSD350V TRANSCEND-TS128GUSD350V Datasheet
619Kb / 3P
   Ideal for dashcams, security cameras, and surveillance systems
logo
Analog Devices
HMC-ALH444 AD-HMC-ALH444 Datasheet
279Kb / 6P
   Surveillance Systems
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
   Image Signal Processor for Hyundai CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com