Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2520ID5V Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AM2520ID5V
Description  SUBMINIATURE SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM2520ID5V Datasheet(HTML) 1 Page - Kingbright Corporation

  AM2520ID5V Datasheet HTML 1Page - Kingbright Corporation AM2520ID5V Datasheet HTML 2Page - Kingbright Corporation AM2520ID5V Datasheet HTML 3Page - Kingbright Corporation AM2520ID5V Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: CDA0571
REV NO: V.1
DATE: NOV/5/2001
PAGE: 1 OF 4
APPROVED: J.LU
CHECKED:
DRAWN: M.F.CAI
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
AM2520EH/xx5V
SERIES
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
SUBMINIATURESOLIDSTATELAMPS
Features
!
HIGH RELIABILITY
!
BLACK CASE ENHANCES CONTRAST.
!
VIBRATION AND SHOCK RESISTANT.
!
AVAILABLE WITH A VARITY OF LEDs.
!
UL RATING : 94V-0.
!
HOUSINGMATERIAL:TYPE66NYLON.
Package Dimensions


Similar Part No. - AM2520ID5V

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AM2520ID03 KINGBRIGHT-AM2520ID03 Datasheet
115Kb / 5P
   SUBMINIATURE SOLID STATE LAMPS
AM2520ID03 KINGBRIGHT-AM2520ID03 Datasheet
121Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AM2520ID03 TO-GRACE-AM2520ID03 Datasheet
810Kb / 4P
   Subminiature Solid State Lamp
logo
Kingbright Corporation
AM2520ID08 KINGBRIGHT-AM2520ID08 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM2520ID09 KINGBRIGHT-AM2520ID09 Datasheet
128Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results

Similar Description - AM2520ID5V

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AM2520SRD03 KINGBRIGHT-AM2520SRD03 Datasheet
80Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520EJ KINGBRIGHT-AM2520EJ Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520SRC09 KINGBRIGHT-AM2520SRC09 Datasheet
76Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520 KINGBRIGHT-AM2520 Datasheet
115Kb / 5P
   SUBMINIATURE SOLID STATE LAMPS
logo
QT Optoelectronics
QTLP913-2 QT-QTLP913-2 Datasheet
144Kb / 3P
   SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
QTLP913 FAIRCHILD-QTLP913 Datasheet
203Kb / 4P
   SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS
logo
Kingbright Corporation
AM2520EF-4ID KINGBRIGHT-AM2520EF-4ID Datasheet
381Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
logo
Gilway Technical Lamp
GHB-GW20-R GILWAY-GHB-GW20-R Datasheet
142Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
logo
Kingbright Corporation
AM27SEC09 KINGBRIGHT-AM27SEC09 Datasheet
138Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27SGC09 KINGBRIGHT-AM27SGC09 Datasheet
302Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com