Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC243MT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC243MT
Description  High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC243MT Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC243MT Datasheet HTML 1Page - Texas Instruments CD74HC243MT Datasheet HTML 2Page - Texas Instruments CD74HC243MT Datasheet HTML 3Page - Texas Instruments CD74HC243MT Datasheet HTML 4Page - Texas Instruments CD74HC243MT Datasheet HTML 5Page - Texas Instruments CD74HC243MT Datasheet HTML 6Page - Texas Instruments CD74HC243MT Datasheet HTML 7Page - Texas Instruments CD74HC243MT Datasheet HTML 8Page - Texas Instruments CD74HC243MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
8
-
80
-
160
µA
Three-State Leakage
Current
IOZ
VIL or
VIH
-6
-
-
±0.5
-
±0.5
-
±10
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-6
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
6
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC to
GND
-
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
Three-State Leakage
Current
IOZ
VIL or
VIH
-
5.5
-
-
±0.5
-
±5.0
-
±10
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
An, Bn
1.1
OEA, OEB
0.6
NOTE: Unit Load is
∆ICC limit specified in DC Electrical
Specifications table, e.g., 360
µA max at 25oC.
CD54HC243, CD74HC243, CD54HCT243, CD74HCT243


Similar Part No. - CD74HC243MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC243MT TI-CD74HC243MT Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD74HC243MTE4 TI-CD74HC243MTE4 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD74HC243MTG4 TI-CD74HC243MTG4 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
More results

Similar Description - CD74HC243MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT242 TI-CD74HCT242 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD54HC243 TI-CD54HC243_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC652 TI1-CD74HC652_15 Datasheet
139Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD74HC646 TI1-CD74HC646 Datasheet
327Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Bus Transceiver/Register, Three-State
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC652 TI-CD74HC652 Datasheet
72Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
logo
Advanced Micro Devices
AM2917A AMD-AM2917A Datasheet
209Kb / 8P
   QUAD THREE STATE BUS TRANSCEIVER WITH INTERFACE LOGIC
logo
Texas Instruments
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com